Electronic Components Datasheet Search
  English  ▼

X  

EDSTRG28PLCCCX Datasheet(PDF) 31 Page - Texas Instruments

Part # EDSTRG28PLCCCX
Description  TMS370 MICROCONTROLLER FAMILY DATA BOOK
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

EDSTRG28PLCCCX Datasheet(HTML) 31 Page - Texas Instruments

Back Button EDSTRG28PLCCCX Datasheet HTML 27Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 28Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 29Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 30Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 31Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 32Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 33Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 34Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 78 page
background image
TIMING CONVENTIONS
1–23
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timing conventions
This section defines the timing parameters, including cycle time, hold time, pulse duration, and others.
time intervals
New or revised data sheets in this book use letter symbols in accordance with standards recently adopted by
JEDEC, the IEEE, and the IEC. Two basic forms of symbols are used. The first form is used usually when
intervals can be classified easily as cycle, hold, setup, transition, valid, or delay times and for pulse durations.
The second form can be used generally, but in this book the second form is primarily for time intervals not easily
classifiable. The second (unclassified) form is described first. Since some manufacturers use this form for all
time intervals, symbols in the unclassified form are given with the examples for most of the classified time
intervals.
unclassified time intervals
Generalized letter symbols can be used to identify almost any time interval without classifying it using traditional
or contrived definitions. Symbols for unclassified time intervals identify two signal events listed in from-to
sequence using the format:
t(AB-CD)
Subscripts A and C indicate the names of the signals for which changes of state or level or establishment of
state or level constitute signal events assumed to occur first and last, respectively, that is, at the beginning and
end of the time interval.
Subscripts B and D indicate the direction of the transitions and/or the final states or levels of the signals
represented by A and C, respectively. One or two of the following is used:
H = high or transition to high
L = low or transition to low
V = a valid steady-state level
X = unknown, changing, or “don’t care” level
Z = high-impedance (off) state
The hyphen between the B and C subscripts is omitted when no confusion is likely to occur.
classified time intervals
Because of the information contained in the definitions, frequently the identification of one or both of the two
signal events that begin and end the intervals can be shortened significantly compared to the unclassified forms.
For example, it is not necessary to indicate in the symbol that an access time ends with valid data at the output.
However, if both signals are named (e.g., in a hold time), the from-to sequence is maintained.
cycle time
The time interval between the start and end of a cycle.
NOTE: For each cycle time (tc), the value given represents the minimum time interval required to complete one cycle of the given function
(e.g., read, write, etc.) correctly.
Example symbology:
Classified
Description
tc
Cycle time, (SYSCLK)
tc(SPC)
Cycle time, (SPICLK)
tc(SCC)
Cycle time, (SCICLK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com