Electronic Components Datasheet Search
  English  ▼

X  

EDSTRG28PLCCCX Datasheet(PDF) 26 Page - Texas Instruments

Part # EDSTRG28PLCCCX
Description  TMS370 MICROCONTROLLER FAMILY DATA BOOK
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

EDSTRG28PLCCCX Datasheet(HTML) 26 Page - Texas Instruments

Back Button EDSTRG28PLCCCX Datasheet HTML 22Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 23Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 24Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 25Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 26Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 27Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 28Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 29Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 78 page
background image
Table 4. TMS370 8-Bit Microcontroller Product Configurations (Continued)
DEVICE
TYPE‡
PART NUMBER
“yy ”= PACKAGE
“z“ TEMP
PACKAGE
OPTIONS
“yy”†
PACKAGE
PIN
COUNT
PROGRAM
MEMORY
(BYTES)
DATA MEMORY
(BYTES)
OFF-
CHIP
MEM EXP
TIMERS
◊
SERIAL
INTERFACE§
A/D
CHANNELS
I/O
CLOCK
GENERATOR
OTP AND
REPROGRAMMABLE
DEVICES
TYPE
“z“ =TEMP
“yy”†
COUNT
ROM
EPROM
EEPROM
RAM
MEM EXP
(BYTES)
INTERFACE
CHANNELS
GENERATOR
DEVICES
TMS370Cx5x (CONTINUED)
ROM
TMS370C356Ayyz
FN / NM
68 / 64Φ
16K
512
112K
T1 / T2a
SPI / SCI1
ADC1/8
55 / 53
÷4 or PLL
C756
ROM
TMS370C456Ayyz
FN
68
16K#
512
512
112K
T1 / T2a
SPI / SCI1
ADC1/8
55
÷4 or PLL
C756
ROM
TMS370C056Ayyz
FN / NM
68 / 64Φ
16K
512
512
112K
T1 / T2a
SPI / SCI1
ADC1/8
55 / 53
÷4 or PLL
C756
ROM
TMS370C358Ayyz
FN / NM
68 / 64Φ
32K
1 024
64K
T1 / T2a
SPI / SCI1
ADC1/8
55 / 53
÷4 or PLL
C758
ROM
TMS370C058Ayyz
FN / NM
68 / 64Φ
32K
256
1 024
64K
T1 / T2a
SPI / SCI1
ADC1/8
55 / 53
÷4 or PLL
C758
ROM
TMS370C059Ayyz
FN
68
48K||
256
3 584
20K
T1 / T2a
SPI / SCI1
ADC1/8
55
÷4 or PLL
C759
OTP
TMS370C756Ayyz
FN / NM
68 / 64Φ
16K
512
512
112K
T1 / T2a
SPI / SCI1
ADC1/8
55 / 53
÷4
—
OTP
TMS370C758Ayyz
FN / NM
68 / 64Φ
32K
256
1 024
64K
T1 / T2a
SPI / SCI1
ADC1/8
55 / 53
÷4
—
OTP
TMS370C758Byyz
FN / NM
68 / 64Φ
32K
256
1 024
64K
T1 / T2a
SPI / SCI1
ADC1/8
55 / 53
PLL
—
OTP
TMS370C759Ayyz
FN
68
48K||
256
3 584
20K
T1 / T2a
SPI / SCI1
ADC1/8
55
÷4
—
UV-EPROM
SE370C756Ayyz
FZ / JN
68 / 64Φ
16K
512
512
112K
T1 / T2a
SPI / SCI1
ADC1/8
55 / 53
÷4
—
UV-EPROM
SE370C758Ayyz
FZ / JN
68 / 64Φ
32K
256
1 024
64K
T1 / T2a
SPI / SCI1
ADC1/8
55 / 53
÷4
—
UV-EPROM
SE370C758Byyz
FZ / JN
68 / 64Φ
32K
256
1 024
64K
T1 / T2a
SPI / SCI1
ADC1/8
55 / 53
PLL
—
UV-EPROM
SE370C759Ayyz
FZ
68
48K||
256
3 584
20K
T1 / T2a
SPI / SCI1
ADC1/8
55
÷4
—
TMS370Cx6x
ROM
TMS370C067Ayyz
FN
68
24K
256
1 024
24K
T1 / T2a / T2b
SPI / SCI1
ADC1/8
55
÷4 or PLL
C768
ROM
TMS370C068Ayyz
FN
68
32K
256
1 024
24K
T1 / T2a / T2b
SPI / SCI1
ADC1/8
55
÷4 or PLL
C768
ROM
TMS370C069Ayyz
FN
68
48K||
256
3 584
8K
T1 / T2a / T2b
SPI / SCI1
ADC1/8
55
÷4 or PLL
C769
OTP
TMS370C768Ayyz
FN
68
32K
256
1 024
24K
T1 / T2a / T2b
SPI / SCI1
ADC1/8
55
÷4
—
OTP
TMS370C769Ayyz
FN
68
48K||
256
3 584
8K
T1 / T2a / T2b
SPI / SCI1
ADC1/8
55
÷4
—
UV-EPROM
SE370C768Ayyz
FZ
68
32K
256
1 024
24K
T1 / T2a / T2b
SPI / SCI1
ADC1/8
55
÷4
—
UV-EPROM
SE370C769Ayyz
FZ
68
48K||
256
3 584
8K
T1 / T2a / T2b
SPI / SCI1
ADC1/8
55
÷4
—
† Packages: FN = PLCC, FZ = CLCC, N = PDIP, JD = CDIP, NJ = PSDIP (formerly N2), JC = CSDIP, NM = PSDIP, JN = CSDIP
‡ Temperatures: ROM device types have L = 0
°C to +70°C, A = – 40°C to +85°C, and T = – 40°C to +105°C temperature options; ROM-less, OTP and UV-EPROM device types only have T.
§ PACT SCI: PACT includes a mini-SCI. SCI1 module has 3-pin configuration while SCI2 module has 2-pin configuration.
|| Max Freq: Supports maximum operating frequency of 3 MHz SYSCLK
◊ Timers: Timer 1 (T1) includes a watchdog timer programmable as a general purpose 16-bit timer
Φ68/64 Packages: 68 pins for FN, FZ packages. 64 pins for NM, JN packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com