Electronic Components Datasheet Search
  English  ▼

X  

EDSTRG28PLCCCX Datasheet(PDF) 58 Page - Texas Instruments

Part # EDSTRG28PLCCCX
Description  TMS370 MICROCONTROLLER FAMILY DATA BOOK
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

EDSTRG28PLCCCX Datasheet(HTML) 58 Page - Texas Instruments

Back Button EDSTRG28PLCCCX Datasheet HTML 54Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 55Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 56Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 57Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 58Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 59Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 60Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 61Page - Texas Instruments EDSTRG28PLCCCX Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 78 page
background image
APPLICABLE REFERENCE DOCUMENTS
3–4
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
applicable reference documents
The following reference documents (of latest issue) can provide additional information on ESD controls.
D MIL-M-38510 Microcircuits, General Specification
D MIL-STD-883 Test Methods and Procedures for Microelectronics
D MIL-STD-19491 Semiconductor Devices, Packaging of
D MIL-M-55565 Microcircuits, Packaging of
D DOD-HDBK-263 Electrostatic Discharge Control Handbook for Protection
D DOD-STD-1686 Electrostatic Discharge Control Program
D NAVSEA SE 003-11-TRN-010 Electrostatic Discharge Training Manual
D JEDEC Standard Publication 108
facilities for static-free workstation
The minimum acceptable static-free workstation consists of a work surface covered with static dissipative
material attached to ground through a 1 M
Ω ± 10% resistor, an attached grounding wrist strap with integral
1 M
Ω ± 10% resistor for each operator, and air ionizer(s) of sufficient capacity for each operator. The wrist strap
must be connected to the static dissipative material. Ground must utilize the standard building earth ground;
refer to Figure 1. Conductive floor tile/carpet along with conductive shoes can be used in lieu of the conductive
wrist straps for non-seated personnel. The Site Safety Engineer must review and approve all electrical
connections at the static-free workstation prior to its implementation.
Air ionizers must be positioned so that the devices at the static-free workstations are within a 4-foot arc
measured by a vertical line from the face of the ionizer and 45 degrees on each side of this line.
General grounding requirements are to be in accordance with Table 1.
Work Bench
R
R
R
R
Other
Electronic
Equipment
Ionizer
Static
Dissipative
Table
Top
ESD Protective
Trays, etc.
Personal
Ground
Strap
ESD Protective
Floor Mat
(optional)
Chair
with Ground
(optional)
R = 1 Meg
Ω ± 10% 1/2 W
Building Floor
Ground
NOTE A: Earth ground is not computer ground or RF ground or any other limited-type ground.
All electrical equipment sitting on the conductive table top must be hard grounded but must be isolated from the static
dissipative work surface.
Figure 1. Static-Free Workstation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com