Electronic Components Datasheet Search
  English  ▼

X  

R3-BA32AS Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3-BA32AS
Description  Remote I/O R3 Series BCD CODE INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-BA32AS Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3-BA32AS Datasheet HTML 1Page - M-System Co.,Ltd. R3-BA32AS Datasheet HTML 2Page - M-System Co.,Ltd. R3-BA32AS Datasheet HTML 3Page - M-System Co.,Ltd. R3-BA32AS Datasheet HTML 4Page - M-System Co.,Ltd. R3-BA32AS Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: R3-BA32A
R3-BA32A SPECIFICATIONS
ES-8419 Rev.7 Page 4/5
https://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
3A
1A
4A
2A
5A
6A
7A
8A
10A
Di 11
Di 12
COM1
Di 14
Di 18
Di 21
Di 22
Di 24
Di 28
1A
2A
3A
4A
6A
5A
8A
7A
9A
13A
11A
14A
12A
15A
16A
17A
18A
20A
Di 31
Di 32
COM2
Di 34
Di 38
Di 41
Di 42
Di 44
Di 48
9A
10A
11A
12A
14A
13A
16A
15A
19A
3B
1B
4B
2B
5B
6B
7B
8B
10B
Di 51
Di 52
COM3
Di 54
Di 58
Di 61
Di 62
Di 64
Di 68
1B
2B
3B
4B
6B
5B
8B
7B
9B
13B
11B
14B
12B
15B
16B
17B
18B
20B
Di 71
Di 72
COM4
Di 74
Di 78
Di 81
Di 82
Di 84
Di 88
9B
10B
11B
12B
14B
13B
16B
15B
19B
24VDC
24VDC
24VDC
24VDC
GROUP
SELECTOR
INTERNAL POWER
RUN LED ERR LED
STATUS
INDICATOR LED
Input Circuit
Input Circuit
Input Circuit
Communication
Circuit
Control
Circuit
DIP SW
Numbers in italic indicate LED No.s assigned to the front panel LEDs.
Two groups A or B selected with the front switch.
* Do not use pins 10A, 20A, 10B, 20B.
** For dual redundant communication.
*
*
*
*
Input Circuit
INTERNAL BUS A
INTERNAL BUS B **



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com