Electronic Components Datasheet Search
  English  ▼

X  

R3-BA32AS Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R3-BA32AS
Description  Remote I/O R3 Series BCD CODE INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-BA32AS Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R3-BA32AS Datasheet HTML 1Page - M-System Co.,Ltd. R3-BA32AS Datasheet HTML 2Page - M-System Co.,Ltd. R3-BA32AS Datasheet HTML 3Page - M-System Co.,Ltd. R3-BA32AS Datasheet HTML 4Page - M-System Co.,Ltd. R3-BA32AS Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: R3-BA32A
R3-BA32A SPECIFICATIONS
ES-8419 Rev.7 Page 5/5
https://www.m-system.co.jp/
INPUT CONNECTOR (40-pin)
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT
1A
Di 11
1B
Di 51
2A
Di 12
(× 100)
2B
Di 52
(× 104)
3A
Di 14
3B
Di 54
4A
Di 18
4B
Di 58
5A
Di 21
5B
Di 61
6A
Di 22
(× 101)
6B
Di 62
(× 105)
7A
Di 24
7B
Di 64
8A
Di 28
8B
Di 68
9A
COM1
9B
COM3
10A
No Connection
10B
No Connection
11A
Di 31
11B
Di 71
12A
Di 32
(× 102)
12B
Di 72
(× 106)
13A
Di 34
13B
Di 74
14A
Di 38
14B
Di 78
15A
Di 41
15B
Di 81
16A
Di 42
(× 103)
16B
Di 82
(× 107)
17A
Di 44
17B
Di 84
18A
Di 48
18B
Di 88 / Strobe
19A
COM2
19B
COM4
20A
No Connection
20B
No Connection
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com