Electronic Components Datasheet Search
  English  ▼

X  

R3-BA32AS Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-BA32AS
Description  Remote I/O R3 Series BCD CODE INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-BA32AS Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-BA32AS Datasheet HTML 1Page - M-System Co.,Ltd. R3-BA32AS Datasheet HTML 2Page - M-System Co.,Ltd. R3-BA32AS Datasheet HTML 3Page - M-System Co.,Ltd. R3-BA32AS Datasheet HTML 4Page - M-System Co.,Ltd. R3-BA32AS Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: R3-BA32A
R3-BA32A SPECIFICATIONS
ES-8419 Rev.7 Page 1/5
https://www.m-system.co.jp/
Remote I/O R3 Series
BCD CODE INPUT MODULE
(7-digit BCD)
27.5 [1.08]
130
[5.12]
109
[4.29]
mm [inch]
MODEL: R3–BA32A[1][2]
ORDERING INFORMATION
• Code number: R3-BA32A[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R3-BA32AW/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01)
NO. OF CHANNELS
32: BCD code, 7 digits (4 channels/digit)
EXCITATION SUPPLY
A: External excitation, 24 V DC
[1] COMMUNICATION MODE
S: Single
W: Dual
[2] OPTIONS (multiple selections)
Standards & Approvals
blank: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• Connector terminal block (model: CNT)
• Special cable with 40-pin connector (model: FCN)
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R3-BSx)
Input: 40-pin connector (Fujitsu FCN-365P040-AU)
Internal power: Via the Installation Base (model: R3-BSx)
Isolation: Di 11 thru 28 to Di 31 thru 48 to Di 51 thru 68 to
Di 71 thru 88 to internal bus or internal power
Strobe signal control: Selectable with the side DIP switch.
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
ERR indicator: Green LED turns on in normal operating
conditions.
Input status indicator: Red LED; turns on with the input ON.
Group selector: Switches the input status indicator
A. 1 - 8: Di11 - Di28
9 - 16: Di31 - Di48
B. 1 - 8: Di51 - Di68
9 - 16: Di71 - Di88
Read rate: 5 / 10 / 50 / 100 msec. selectable with DIP SW
INPUT SPECIFICATIONS
Number of digits: 7 with strobe signal, 8 without it
Data: 2 words
Data description example
Input data: 1 2 3 4 5 6 7 8
4 high digits
4 low digits
Address 1: 5678 (4 low digits)
Address 2: 1234 (4 high digits)
Input signal: 24 V DC, 32 points (4 points/digit)
Input resistance: 6 kΩ
Isolation: Optical isolator
Common: 4 positive/negative commons, per 8 points
Contact detecting: 24 V DC ±10 %, approx. 4 mA
ON current/resistance: ≥ 2 mA, ≤ 2 kΩ
OFF current/resistance: ≤ 1 mA, ≥ 18 kΩ
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 150 g (0.33 lb)


Similar Part No. - R3-BA32AS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-BC32A MSYSTEM-R3-BC32A Datasheet
138Kb / 5P
Remote I/O R3 Series BCD CODE OUTPUT MODULE
R3-BC32AS MSYSTEM-R3-BC32AS Datasheet
138Kb / 5P
Remote I/O R3 Series BCD CODE OUTPUT MODULE
R3-BC32AS/CE MSYSTEM-R3-BC32AS/CE Datasheet
138Kb / 5P
Remote I/O R3 Series BCD CODE OUTPUT MODULE
R3-BC32AS/Q MSYSTEM-R3-BC32AS/Q Datasheet
138Kb / 5P
Remote I/O R3 Series BCD CODE OUTPUT MODULE
R3-BC32AW MSYSTEM-R3-BC32AW Datasheet
138Kb / 5P
Remote I/O R3 Series BCD CODE OUTPUT MODULE
More results

Similar Description - R3-BA32AS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-BC32A MSYSTEM-R3-BC32A Datasheet
138Kb / 5P
Remote I/O R3 Series BCD CODE OUTPUT MODULE
R3-DA64A MSYSTEM-R3-DA64A Datasheet
164Kb / 6P
Remote I/O R3 Series DISCRETE INPUT MODULE
R3-MS8 MSYSTEM-R3-MS8 Datasheet
140Kb / 5P
Remote I/O R3 Series POTENTIOMETER INPUT MODULE
R3-MS4 MSYSTEM-R3-MS4 Datasheet
125Kb / 4P
Remote I/O R3 Series POTENTIOMETER INPUT MODULE
R3-SRS4A MSYSTEM-R3-SRS4A Datasheet
152Kb / 4P
Remote I/O R3 Series RTD INPUT MODULE
R3-SDA16 MSYSTEM-R3-SDA16 Datasheet
154Kb / 4P
Remote I/O R3 Series DISCRETE INPUT MODULE
R3-RS8B MSYSTEM-R3-RS8B Datasheet
145Kb / 4P
Remote I/O R3 Series RTD INPUT MODULE
R3-RS8 MSYSTEM-R3-RS8 Datasheet
140Kb / 5P
Remote I/O R3 Series RTD INPUT MODULE
R3-RS4A MSYSTEM-R3-RS4A Datasheet
136Kb / 4P
Remote I/O R3 Series RTD INPUT MODULE
R3-TS8A MSYSTEM-R3-TS8A Datasheet
145Kb / 5P
Remote I/O R3 Series THERMOCOUPLE INPUT MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com