Electronic Components Datasheet Search
  English  ▼

X  

RADEC-D Datasheet(PDF) 6 Page - Pepperl+Fuchs Inc.

Part # RADEC-D
Description  Radar sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

RADEC-D Datasheet(HTML) 6 Page - Pepperl+Fuchs Inc.

  RADEC-D Datasheet HTML 1Page - Pepperl+Fuchs Inc. RADEC-D Datasheet HTML 2Page - Pepperl+Fuchs Inc. RADEC-D Datasheet HTML 3Page - Pepperl+Fuchs Inc. RADEC-D Datasheet HTML 4Page - Pepperl+Fuchs Inc. RADEC-D Datasheet HTML 5Page - Pepperl+Fuchs Inc. RADEC-D Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
RaDec-D
6
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Radar sensor
Radar sensors are microwave sensors that adopt the principle of Doppler radar. The most important requirement for microwave
detection is that the object to be detected is moving. Applications include controlling automatic doors and gates.
The sensor emits microwaves of a defined frequency in order to detect people and large objects moving at speeds between 100
mm/sec. and 5 m/sec. Stationary people or objects are not detected. Based on the latest 24 GHz technology with integrated
microprocessor control, these sensors provide a high level of reliability, even in difficult operating conditions. The 24 GHz
frequency, known as the ‘K-band,’ is reserved by CETECOM for this application area worldwide.
The direction detection function makes it possible to distinguish whether persons are moving towards the door or away from it. It
is necessary to trigger the opening impulse if people are approaching the door. The sensor ignores objects that are moving
away. Cross-traffic suppression serves a similar purpose. Automatic doors are often opened when a pedestrian walks too close
to a shop window or a building facade. The cross-traffic suppression function can avoid this, because microwave technology
combined with the microprocessor evaluation unit accurately detects these directions of motion. Both functions noticeably quiet
the door area, increase the lifetime of the door mechanism, and in doing so help save energy.
• Opening impulse sensors for automatic doors and industrial doors
• Monitoring approach areas to elevators
• Motion sensors for people and objects
• Impulse sensors for escalators
Application



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com