Electronic Components Datasheet Search
  English  ▼

X  

RADEC-D Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # RADEC-D
Description  Radar sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

RADEC-D Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  RADEC-D Datasheet HTML 1Page - Pepperl+Fuchs Inc. RADEC-D Datasheet HTML 2Page - Pepperl+Fuchs Inc. RADEC-D Datasheet HTML 3Page - Pepperl+Fuchs Inc. RADEC-D Datasheet HTML 4Page - Pepperl+Fuchs Inc. RADEC-D Datasheet HTML 5Page - Pepperl+Fuchs Inc. RADEC-D Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Technical Data
Signal output
relay
Switching voltage
max. 48 V AC / 48 V DC
Switching current
max. 0.5 A AC / 1 A DC
Switching power
max. 24 W / 60 VA
De-energized delay
toff
1 s
Approvals and certificates
CE conformity
2014/53/EU This device can be used in all countries within the European Union. In
other countries, all applicable national regulations must be observed.
EAC conformity
TR CU 020/2011
FCC approval
No - Use in North America is not permitted.
Ambient conditions
Operating temperature
-20 ... 60 °C (-4 ... 140 °F)
Storage temperature
-30 ... 70 °C (-22 ... 158 °F)
Relative humidity
max. 90 % non-condensing
Mechanical specifications
Mounting height
max. 4000 mm
Degree of protection
IP54
Connection
Connecting cable 2.5 m included with delivery
Material
Housing
black polycarbonate (PC)
Mass
130 g
Dimensions
101 mm x 60 mm x 59 mm
Suitable series
Series
RaDec
Connection Assignment
Option:
BK/2
WH/1
RD/3
GN/4
C
NO
~/0 V
~/+UB
Assembly
1 LED red
2 Antenna
3 DIP switch
4 Potentiometer
5 Connector
4
3
5
1
2
Radar sensor
RaDec-D
3
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com