Electronic Components Datasheet Search
  English  ▼

X  

RADEC-D Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # RADEC-D
Description  Radar sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

RADEC-D Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  RADEC-D Datasheet HTML 1Page - Pepperl+Fuchs Inc. RADEC-D Datasheet HTML 2Page - Pepperl+Fuchs Inc. RADEC-D Datasheet HTML 3Page - Pepperl+Fuchs Inc. RADEC-D Datasheet HTML 4Page - Pepperl+Fuchs Inc. RADEC-D Datasheet HTML 5Page - Pepperl+Fuchs Inc. RADEC-D Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Radar sensor
RaDec-D
< Microwave motion sensor with intelligent functions
< Reliable detection of people and vehicles
< Simplest adjustement of the sensing range
< Wall and ceiling mountable
< Version with direction detection and cross-traffic suppression
Standard radar motion sensor with additional functions, dynamic version with rotation direction monitoring,
detection range 2 m x 4.5 m, max. installation height 4 m, black housing, relay contact output, cable
connection
Function
The RaDec series consists of affordable radar motion sensors that not only combine all the key requirements of door manufacturers in a compact,
stylish device, but are also user friendly and easy to install. An integrated microprocessor with 24 GHz microwave technology ensures a high level
of reliability, even in difficult conditions. What's more, the sensor offers two adjustable detection areas, different operating modes, and an
installation height of up to 4 m, and operates in a temperature range of -20 °C ... +60 °C. The -D version features rotation direction monitoring; a
cross-traffic suppression system can also be connected to this version.
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - RADEC-D

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
RADEC-M PF-RADEC-M Datasheet
1Mb / 5P
Radar sensor
More results

Similar Description - RADEC-D

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
RAVE-D PF-RAVE-D Datasheet
1Mb / 7P
Radar sensor
RAVE-D-GB PF-RAVE-D-GB Datasheet
1Mb / 7P
Radar sensor
RMS-D PF-RMS-D Datasheet
1Mb / 6P
Radar sensor
RMS-D-NA PF-RMS-D-NA Datasheet
1Mb / 6P
Radar sensor
RMS-D-RC PF-RMS-D-RC Datasheet
1Mb / 6P
Radar sensor
RMS-D-RC-NA PF-RMS-D-RC-NA Datasheet
1Mb / 6P
Radar sensor
RMS-G-RC-HS PF-RMS-G-RC-HS Datasheet
1Mb / 7P
Radar sensor
RMS-G-RC-NA PF-RMS-G-RC-NA Datasheet
1Mb / 7P
Radar sensor
RMS-M PF-RMS-M Datasheet
1Mb / 6P
Radar sensor
RMS-M-NA PF-RMS-M-NA Datasheet
1Mb / 6P
Radar sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com