Electronic Components Datasheet Search
  English  ▼

X  

PSN3 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # PSN3
Description  Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PSN3 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  PSN3 Datasheet HTML 1Page - M-System Co.,Ltd. PSN3 Datasheet HTML 2Page - M-System Co.,Ltd. PSN3 Datasheet HTML 3Page - M-System Co.,Ltd. PSN3 Datasheet HTML 4Page - M-System Co.,Ltd. PSN3 Datasheet HTML 5Page - M-System Co.,Ltd. PSN3 Datasheet HTML 6Page - M-System Co.,Ltd. PSN3 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MODEL: PSN3
PSN3 SPECIFICATIONS
ES-4858 Rev.18 Page 3/7
http://www.m-system.co.jp/
with the battery status indicator; ON with full charge and
OFF with the power removed.
Open collector: 30 V DC @ 100 mA
Saturation voltage: 1 V DC
■ Speed & Thrust
Acceleration or deceleration is not included in the speed.
Acceleration or deceleration respectively requires approx. 0
to 2 sec.;takes longer with faster speed.
0
1
2
3
4
0
1000
2000
3000
4000
5000
6000
SPEED (mm/s)
Sealing spring
MAXIMUM
FLEXURE AT
SET
RATED
TYPE
PRESSURE
MAXIMUM
PRESS.
SPRING
(N)
PRESS. (mm)
(N)
(N/mm)
1500 N use
1500
1
1170
330
3000 N use
3000
1
2410
590
5000 N use
5000
0.5
3980
2040
(lbs)
(inch)
(lbs)
(lbs/in.)
1500 N use
337
0.04
263
1880
3000 N use
674
0.04
542
3370
5000 N use
1124
0.02
895
11600
INSTALLATION
Power consumption
•AC: Approx. 200 VA
•DC: Approx. 3 A
Operating temperature: -15 to +55°C (5 to 131°F)
Battery rechargeable within 0 to 55°C
(32 to 131°F) with failsafe function
Operating humidity: 30 to 85 %RH (non-condensing)
Vibration: ≤ 2 G (19.6 m/s2)
Mounting position: All directions
Do not mount the actuator with its output stem on the
upside if the actuator is to be exposed to dripping water and
rain.
Weight: 8.9 kg (18.7 lb)
10.2 kg (22.5 lb) with failsafe function
PERFORMANCE
Resolution: 0.06 mm
Insulation resistance
AC powered: ≥ 100 MΩ with 500 V DC
(signal to power to sequential signal to battery status (with
failsafe function only) to metallic housing)
DC powered: ≥ 100 MΩ with 500 V DC
(signal or power to sequential signal to battery status (with
failsafe function only) to metallic housing)
Dielectric strength
AC powered: 2000 V AC @ 1 minute
(signal or metallic housing to power to battery status (with
failsafe function only) to sequential signal)
500 V AC @ 1 minute (signal to metallic housing)
DC powered: 2000 V AC @ 1 minute
(signal or power or metallic housing to battery status (with
failsafe function only) to sequential signal)
500 V AC @ 1 minute (signal or power to metallic housing)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Signal or metallic housing or seq. signals or battery
status (with failsafe function only) to power:
Reinforced insulation (300 V)
RoHS Directive
EN 50581
TERMINOLOGY
• Error Detection
- When the position signal is deviated from the input signal
but the output stem is stuck due to overload or certain
malfunction, the PSN repeats starting the motor at the
maximum torque for several items. If the stem is still stuck
after that, the PSN outputs an alarm signal (LED turned ON)
and stops power supply to the motor.
- In order to reset the PSN, apply several times 0 % and 100
% input signals in turn, or turn off and on the power supply.
• Abnormal Temperature Increase Protection
When the incorporated temperature sensor detects an
abnormal temperature increase in the motor, the alarm LED
blinks (repeating 0.5-sec. ON – 0.5-sec. OFF) and the power
supply to the motor is stopped until the temperature
decreases to an acceptable level. This electronic actuator is
designed to resume automatically power supply to the
motor. It takes longer to resume normal operation when
ambient temperature is higher.
• Restart Limiting Timer
This unit is equipped with a timer protecting the motor from
overheating. The timer prevents the motor from restarting
for a certain interval once the motor has been stopped
within deadband.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com