Electronic Components Datasheet Search
  English  ▼

X  

PSN3 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # PSN3
Description  Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PSN3 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  PSN3 Datasheet HTML 1Page - M-System Co.,Ltd. PSN3 Datasheet HTML 2Page - M-System Co.,Ltd. PSN3 Datasheet HTML 3Page - M-System Co.,Ltd. PSN3 Datasheet HTML 4Page - M-System Co.,Ltd. PSN3 Datasheet HTML 5Page - M-System Co.,Ltd. PSN3 Datasheet HTML 6Page - M-System Co.,Ltd. PSN3 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODEL: PSN3
PSN3 SPECIFICATIONS
ES-4858 Rev.18 Page 1/7
http://www.m-system.co.jp/
Final Control Elements
SERVO-TOP II ELECTRONIC ACTUATOR
(linear type; max. thrust 5000 N)
Functions & Features
• Control valve actuator drive
• Lightweight, compact design
• High reliability without electrical contacts
• Friendly user interface
• High resolution stepping motor
• Failsafe (safety shutdown) function optional
MODEL: PSN3–6[1][2]–[3][4][5]
ORDERING INFORMATION
• Code number: PSN3-6[1][2]-[3][4][5]
Specify a code from below for each of [1] through [5].
(e.g. PSN3-631-AK3/E)
• Use Ordering Information Sheet (No. ESU-4858). Default
setting (table below) will be used if not otherwise specified.
PARAMETER
DEFAULT
Action
Reverse
Operation at abnormally low input
Stop
Output stem extended end
Longest
Output stem retracted end
Shortest
Ex-factory stem position
Shortest
Extended side limiter
0%
Retracted side limiter
100%
Full-open/-closed signal (extended)
2%
Full-open/-closed signal (retracted)
98%
Split range
Without
Split range type
LO
Split point
50%
Opening/closing speed
2.05 mm/s
Deadband
0.5%
Restart limiting timer
2 sec.
Failsafe target position *1
0%
Failsafe opening/closing speed *1
2.05 mm/s
*1. Option /E
STROKE
6: 0 to 60 mm (0 to 2.36”)
[1] SEALING SPRING
1: 1500 N use
2: 3000 N use
3: 5000 N use
[2] OUTPUT STEM TYPE
1: M14 male screw, pitch 1.5
2: Stem button
[3] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
Voltage
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
[4] POWER INPUT
AC Power
K3: 100 – 120 V AC
(Operational voltage range 90 – 132 V, 47 – 66 Hz)
(CE not available)
L3: 200 – 240 V AC
(Operational voltage range 180 – 264 V, 47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[5] OPTIONS
Failsafe Function (emergency use)
blank: Without
/E: With
RELATED PRODUCTS
• Manual operation handle (model: HPSN)
• Programming Unit (model: PU-2x)
• Backup battery (model: PSN-BAT)


Similar Part No. - PSN3

ManufacturerPart #DatasheetDescription
logo
Mobile Mark, Inc.
PSN3 MOBILEMARK-PSN3 Datasheet
731Kb / 1P
Device Antennas, Halfwave Single-band 806-1990 MHz
10/2018
PSN3-1800S MOBILEMARK-PSN3-1800S Datasheet
731Kb / 1P
Device Antennas, Halfwave Single-band 806-1990 MHz
10/2018
PSN3-1800T MOBILEMARK-PSN3-1800T Datasheet
731Kb / 1P
Device Antennas, Halfwave Single-band 806-1990 MHz
10/2018
PSN3-1900S MOBILEMARK-PSN3-1900S Datasheet
731Kb / 1P
Device Antennas, Halfwave Single-band 806-1990 MHz
10/2018
PSN3-2400 MOBILEMARK-PSN3-2400 Datasheet
296Kb / 1P
Device Halfwave Antennas WiFi & WiMAX
9/2018
More results

Similar Description - PSN3

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MSP6D MSYSTEM-MSP6D Datasheet
161Kb / 6P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP6C MSYSTEM-MSP6C Datasheet
144Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP6 MSYSTEM-MSP6 Datasheet
144Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP5D MSYSTEM-MSP5D Datasheet
166Kb / 6P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP50 MSYSTEM-MSP50 Datasheet
184Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP40 MSYSTEM-MSP40 Datasheet
187Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
PSN1G MSYSTEM-PSN1G Datasheet
160Kb / 6P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PSN1 MSYSTEM-PSN1 Datasheet
236Kb / 8P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PRP-2 MSYSTEM-PRP-2 Datasheet
160Kb / 4P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PRP MSYSTEM-PRP Datasheet
160Kb / 4P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com