Electronic Components Datasheet Search
  English  ▼

X  

PSN3 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # PSN3
Description  Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PSN3 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  PSN3 Datasheet HTML 1Page - M-System Co.,Ltd. PSN3 Datasheet HTML 2Page - M-System Co.,Ltd. PSN3 Datasheet HTML 3Page - M-System Co.,Ltd. PSN3 Datasheet HTML 4Page - M-System Co.,Ltd. PSN3 Datasheet HTML 5Page - M-System Co.,Ltd. PSN3 Datasheet HTML 6Page - M-System Co.,Ltd. PSN3 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MODEL: PSN3
PSN3 SPECIFICATIONS
ES-4858 Rev.18 Page 4/7
http://www.m-system.co.jp/
When the high temperature protection is activated in a high
temperature ambient, adjust the timer to a longer interval.
• Motor Preheat Function
When this unit detects a temperature lower than 0°C or
32°F (approximate) on the surface of its motor, this unit
supplies current to the motor in order to warm up and
maintain its surface temperature at 5°C or 41°F
(approximate).
Maintain the power supply ON when this unit is used in the
ambient temperature below 0°C or 32°F.
• Sealing Spring
The PSN is incorporated with springs to maintain sealing
pressure when the valve is fully closed. Choose an
appropriate sealing pressure.
These springs provide the same pressure at both fully
closed and fully open positions.
Do not apply a greater pressure to the spring than specified.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com