Electronic Components Datasheet Search
  English  ▼

X  

ZWS Datasheet(PDF) 5 Page - Vishay Siliconix

Part # ZWS
Description  Cemented Wirewound Resistors with Lugs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ZWS Datasheet(HTML) 5 Page - Vishay Siliconix

  ZWS Datasheet HTML 1Page - Vishay Siliconix ZWS Datasheet HTML 2Page - Vishay Siliconix ZWS Datasheet HTML 3Page - Vishay Siliconix ZWS Datasheet HTML 4Page - Vishay Siliconix ZWS Datasheet HTML 5Page - Vishay Siliconix ZWS Datasheet HTML 6Page - Vishay Siliconix ZWS Datasheet HTML 7Page - Vishay Siliconix ZWS Datasheet HTML 8Page - Vishay Siliconix ZWS Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ZWS, ZWS E, ZWS Ni
www.vishay.com
Vishay Draloric
Revision: 19-Jul-16
5
Document Number: 21010
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DESCRIPTION
The rugged design of cemented wirewound resistors enable
them to withstand extreme high pulses and makes them well
suited for use in high power / high current applications.
Production is strictly controlled and follows an extensive set
of instructions established for reproducibility. The winding is
done with specific materials on a specially developed fine
ceramic body (Al2O3). With different diameters and turn
spacings, a large ohmic value range can be offered. The
ceramic used meets the highest requirements against
mechanical resistance, thermal shock shocks, dielectric
strength, and insulation resistance at high temperatures.
The cement coating is fired layer by layer several times at
high temperatures. The resulting cement coating is resistant
to the cleaning solvents specified in IEC 60115-1 (1).
The resistors are marked with type, resistance, and
tolerance.
Product quality is verified by testing procedures, performed
on all individual resistors.
The ZWS series meet single lot / date code packaging
requirements.
MATERIALS
Vishay acknowledges the following systems for the
regulation of hazardous substances:
• IEC 62474, Material Declaration for Products of and for the
Electrotechnical Industry, with the list of declarable
substances given therein (2)
• The
Global
Automotive
Declarable
Substance
List
(GADSL) (3)
• The REACH regulation (1907/2006/EC) and the related list
of substances with very high concern (SVHC) (4) for its
supply chain
The products do not contain any of the banned substances
as per IEC 62474, GADSL, or the SVHC list, see
www.vishay.com/how/leadfree.
Hence the products fully comply with the following
directives:
• 2000/53/EC End-of-Life Vehicle Directive (ELV) and
Annex II (ELV II)
• 2011/65/EU
Restriction
of
the
Use
of
Hazardous
Substances
Directive
(RoHS)
with
amendment
2015/863/EU
• 2012/19/EU Waste Electrical and Electronic Equipment
Directive (WEEE)
Vishay pursues the elimination of conflict minerals from its
supply
chain,
see
the
Conflict
Minerals
Policy
at
www.vishay.com/doc?49037.
ASSEMBLY
The resistors are available with lug style terminals (SL style)
for soldering, multiple screw terminal options (SS style, SB
style, or SSB style) for mechanical and electrical fixing, or
fast plug terminals (FST style) for assembly / disassembly
processes. The terminals of the resistors are completely
lead (Pb)-free. The special tin plating used provides
compatibility with lead (Pb)-free and lead-containing
soldering processes.
3D-Models are available on request, please inquire at
ww1resistors@vishay.com.
Different mounting accessories are available, see the
datasheet: www.vishay.com/doc?21015.
The slider of the adjustable type should be only moved after
removal of voltage and sufficient loosening of the screw.
APPLICATION INFORMATION
The
power
dissipation
of
the
resistor
generates
a
temperature rise with respect to the ambient. The
permissible dissipation is derated for temperatures above
40°C, as shown in the derating diagram, in order to avoid
overheating of the resistor. The heat dissipated from the
resistor may affect adjacent components, hence proper
clearance will be required in order to avoid overheating.
All materials used are non-flammable and inorganic
according to UL 94-V0.
These resistors do not feature a limited lifetime when
operated within the permissible limits. However, resistance
value drift increasing over operating time may result in
exceeding a limit acceptable to the specific application,
thereby establishing a functional lifetime.
RELATED PRODUCTS
In
higher
continuous
power
applications
and
more
demanding environmental conditions the vitreous coated
alternative, like the GWS series might be suitable, see the
datasheet:
“Vitreous Wirewound Resistors with Lugs”
www.vishay.com/doc?21003
For low ohmic values and rated dissipation up to 500 W,
there is the cemented coated ZBS series, see the datasheet:
“Cemented Wirewound Resistors with Corrugated Ribbon”
www.vishay.com/doc?21011
Notes
(1) Other cleaning solvents with aggressive chemicals should be evaluated in actual cleaning process for their suitability.
(2) The IEC 62474 list of declarable substances is maintained in a dedicated database, which is available at http://std.iec.ch/iec62474.
(3) The Global Automotive Declarable Substance List (GADSL) is maintained by the American Chemistry Council, and available at
www.gadsl.org.
(4) The SVHC list is maintained by the European Chemical Agency (ECHA) and available at http://echa.europa.eu/candidate-list-table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com