Electronic Components Datasheet Search
  English  ▼

X  

ZWS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ZWS
Description  Cemented Wirewound Resistors with Lugs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ZWS Datasheet(HTML) 3 Page - Vishay Siliconix

  ZWS Datasheet HTML 1Page - Vishay Siliconix ZWS Datasheet HTML 2Page - Vishay Siliconix ZWS Datasheet HTML 3Page - Vishay Siliconix ZWS Datasheet HTML 4Page - Vishay Siliconix ZWS Datasheet HTML 5Page - Vishay Siliconix ZWS Datasheet HTML 6Page - Vishay Siliconix ZWS Datasheet HTML 7Page - Vishay Siliconix ZWS Datasheet HTML 8Page - Vishay Siliconix ZWS Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ZWS, ZWS E, ZWS Ni
www.vishay.com
Vishay Draloric
Revision: 19-Jul-16
3
Document Number: 21010
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TERMINALS
SL
SS
SB
SSB
FST
TYPE / VARIANT
Lug for soldering
Screw terminal
Terminal with
2 screws, one for
electrical, and one for
mechanical
connection
Terminal with bolt
and 2 hexnuts
Fast on terminal with
6.3 mm x 0.8 mm
DIN 46244
ZWS 6
ZWS 6 E
ZWS 6 Ni
e = 1.5 mm
-
-
-
-
ZWS 8
ZWS 8 E
ZWS 8 Ni
e = 2.0 mm
e = M3 x 16
ZWS 12
ZWS 12 E
ZWS 12 Ni
ZWS 15
ZWS 15 E
ZWS 15 Ni
ZWS 20
ZWS 20 E
ZWS 20 Ni
e = M3 x 16
e = 1.65 mm
b = 6.3 mm
ZWS 35
ZWS 35 E
ZWS 35 Ni
ZWS 50
ZWS 50 E
ZWS 50 Ni
-
e = M4 x 20
e = M4 x 20
e = M4 x 20
ZWS 100
ZWS 100 E
ZWS 100 Ni
ZWS 150
ZWS 150 E
ZWS 150 Ni
ZWS 250
ZWS 250 E
ZWS 250 Ni
ZWS 30/100
ZWS 30/100 E
ZWS 30/100 Ni
ZWS 30/133
ZWS 30/133 E
ZWS 30/133 Ni
e
e
e
e
e
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com