Electronic Components Datasheet Search
  English  ▼

X  

ZWS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ZWS
Description  Cemented Wirewound Resistors with Lugs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ZWS Datasheet(HTML) 1 Page - Vishay Siliconix

  ZWS Datasheet HTML 1Page - Vishay Siliconix ZWS Datasheet HTML 2Page - Vishay Siliconix ZWS Datasheet HTML 3Page - Vishay Siliconix ZWS Datasheet HTML 4Page - Vishay Siliconix ZWS Datasheet HTML 5Page - Vishay Siliconix ZWS Datasheet HTML 6Page - Vishay Siliconix ZWS Datasheet HTML 7Page - Vishay Siliconix ZWS Datasheet HTML 8Page - Vishay Siliconix ZWS Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ZWS, ZWS E, ZWS Ni
www.vishay.com
Vishay Draloric
Revision: 19-Jul-16
1
Document Number: 21010
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Cemented Wirewound Resistors with Lugs
The ZWS series, with a completely welded construction, is
the perfect choice for high continuous power dissipation up
to 250 W with the option for adjustable (ZWS E) and
non-inductive (ZWS Ni) types. With their extremely high
pulse power capability, they are the ideal choice as inrush
current limiters. Typical applications include but are not
limited to drive systems, power supplies, frequency
inverters, AC and DC filters, and as snubber resistors. For a
given application, requirements of ohmic value, rated
power,
peak
voltage,
pulse
shape,
pulse
duration,
termination style, and environmental conditions may be
submitted to recommend the most suitable product.
FEATURES
• Lugs with various termination styles suitable for
soldering or bolt connection
• Excellent pulse load capability
• Adjustable type (E) available
• Non inductive type (Ni) available
• Non-flammable coating according to UL94-V0
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Inrush current limiter
• Capacitor charge / discharge
• Snubber resistor
• Brake resistor
• Filter resistor
TECHNICAL SPECIFICATION
TYPE /
VARIANT
RATED
DISSIPATION
P40
RESISTANCE RANGE (1)
TCR
-10 ppm/K to -80 ppm/K
WM50
RESISTANCE RANGE (1)
TCR
+100 ppm/K to +180 ppm/K
WM110
RESISTANCE
TOLERANCE
OPERATING
VOLTAGE (2)
Umax.
ZWS 6
6 W
0.82
 to 5.1 k
1.8
 to 13 k
± 5 %, ± 10 %
250 V
2.7
 to 5.1 k
-
± 2 %
150 V
ZWS 6 E
6 W
0.82
 to 130 
1.8
 to 4.7 k
± 5 %, ± 10 %
150 V
ZWS 6 Ni
6 W
0.15
 to 910 
0.33
 to 2.4 k
± 10 %
100 V
1.0
 to 910 
2.0
 to 2.4 k
± 5 %
ZWS 8
8 W
0.68
 to 7.5 k
1.8
 to 20 k
± 5 %, ± 10 %
400 V
3.3
 to 7.5 k
-
± 2 %
200 V
ZWS 8 E
8 W
0.62
 to 200 
1.8
 to 6.8 k
± 5 %, ± 10 %
200 V
ZWS 8 Ni
8 W
0.24
 to 1.3 k
0.56
 to 3.6 k
± 10 %
150 V
1.0
 to 1.3 k
2.0
 to 3.6 k
± 5 %
ZWS 12
12 W
0.62
 to 10 k
1.8
 to 27 k
± 5 %, ± 10 %
550 V
3.0
 to 10 k
-
± 2 %
300 V
ZWS 12 E
12 W
0.56
 to 270 
1.8
 to 9.1 k
± 5 %, ± 10 %
300 V
ZWS 12 Ni
12 W
0.33
 to 1.8 k
0.75
 to 5.1 k
± 10 %
200 V
1.0
 to 1.8 k
2.0
 to 5.1 k
± 5 %
ZWS 15
15 W
0.68
 to 12 k
2.2
 to 33 k
± 5 %, ± 10 %
700 V
2.2
 to 12 k
-
± 2 %
400 V
ZWS 15 E
15 W
0.68
 to 330 
2.2
 to 11 k
± 5 %, ± 10 %
400 V
ZWS 15 Ni
15 W
0.39
 to 2.2 k
0.82
 to 6.2 k
± 10 %
300 V
1.0
 to 2.2 k
2.0
 to 6.2 k
± 5 %


Similar Part No. - ZWS

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
ZWS-AF LAMBDA-ZWS-AF Datasheet
1Mb / 19P
Single output 50W ~ 150W
ZWS10-12 LAMBDA-ZWS10-12 Datasheet
1Mb / 19P
Single output 50W ~ 150W
logo
RSG Electronic Componen...
ZWS10-12 RSG-ZWS10-12 Datasheet
466Kb / 4P
Single Output Low Cost, Worldwide Use
logo
DENSEI-LAMBDA
ZWS10-15 LAMBDA-ZWS10-15 Datasheet
1Mb / 19P
Single output 50W ~ 150W
logo
RSG Electronic Componen...
ZWS10-15 RSG-ZWS10-15 Datasheet
466Kb / 4P
Single Output Low Cost, Worldwide Use
More results

Similar Description - ZWS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AC01 PHILIPS-AC01 Datasheet
398Kb / 24P
Cemented wirewound resistors
2000 Oct 20
logo
Vishay Siliconix
ACSERIES VISHAY-ACSERIES Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
AC01000001509JAC VISHAY-AC01000001509JAC Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
AC05000002009JAC00 VISHAY-AC05000002009JAC00 Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
PAC500001008FAC000 VISHAY-PAC500001008FAC000 Datasheet
141Kb / 8P
Cemented Wirewound Precision Resistors
06-Oct-11
AC03000001008JAC00 VISHAY-AC03000001008JAC00 Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
AC05000002709JAC00 VISHAY-AC05000002709JAC00 Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
AC01000002407JA100 VISHAY-AC01000002407JA100 Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
AC03000001009JAC00 VISHAY-AC03000001009JAC00 Datasheet
152Kb / 9P
Cemented Wirewound Resistors
13-Jan-14
ZWK VISHAY-ZWK Datasheet
144Kb / 10P
Cemented Wirewound Resistors with Ferrules
07-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com