Electronic Components Datasheet Search
  English  ▼

X  

TPS92633MPWPR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92633MPWPR
Description  TPS92633 Three-Channel High-Side LED Driver with Thermal Sharing and Off-Board Binning
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92633MPWPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button TPS92633MPWPR Datasheet HTML 29Page - Texas Instruments TPS92633MPWPR Datasheet HTML 30Page - Texas Instruments TPS92633MPWPR Datasheet HTML 31Page - Texas Instruments TPS92633MPWPR Datasheet HTML 32Page - Texas Instruments TPS92633MPWPR Datasheet HTML 33Page - Texas Instruments TPS92633MPWPR Datasheet HTML 34Page - Texas Instruments TPS92633MPWPR Datasheet HTML 35Page - Texas Instruments TPS92633MPWPR Datasheet HTML 36Page - Texas Instruments TPS92633MPWPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
where
• V(DROPOUT) = 300 mV (typical)
• V(CS_REG) = 100 mV
• VIH(PWM) = 1.26 V (maximum)
• R4 = 10 kΩ (recommended)
The calculated result for R3 is 38.3 kΩ when V(OUTx) minimum voltage is 5.7 V and V(CS_REG) is 100 mV.
8.2.1.3 Application Curves
Ch1 = V(SUPPLY)
Ch2 = V(EN)
Ch3 = V(PWM1)
Ch4 = V(DIAGEN)
Ch5 = V(OUT1)
Ch6 = I(OUT_Tot)
Figure 8-2. Supply Dimming 80% Brightness
Ch1 = V(SUPPLY)
Ch2 = V(EN)
Ch3 = V(PWM1)
Ch4 = V(DIAGEN)
Ch5 = V(OUT1)
Ch6 = I(OUT_Tot)
Figure 8-3. Supply Dimming 20% Brightness
www.ti.com
TPS92633
SLVSFE8 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TPS92633



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com