Electronic Components Datasheet Search
  English  ▼

X  

TPS92633MPWPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92633MPWPR
Description  TPS92633 Three-Channel High-Side LED Driver with Thermal Sharing and Off-Board Binning
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92633MPWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS92633MPWPR Datasheet HTML 9Page - Texas Instruments TPS92633MPWPR Datasheet HTML 10Page - Texas Instruments TPS92633MPWPR Datasheet HTML 11Page - Texas Instruments TPS92633MPWPR Datasheet HTML 12Page - Texas Instruments TPS92633MPWPR Datasheet HTML 13Page - Texas Instruments TPS92633MPWPR Datasheet HTML 14Page - Texas Instruments TPS92633MPWPR Datasheet HTML 15Page - Texas Instruments TPS92633MPWPR Datasheet HTML 16Page - Texas Instruments TPS92633MPWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
If device detects a fault, it pulls down the FAULT pin by an internal constant current, I(FAULT_pulldown) as a fault
indication to the fault bus.
7.3.2 Enable and Shutdown (EN)
The TPS92633 device has an enable input. When EN is low, the device is in sleep mode with ultra low quiescent
current I(SD). This low current helps to save system-level current consumption in applications where battery
voltage directly connects to the device without high-side switches.
7.3.3 Reference Current (IREF)
The TPS92633 device has IREF pin to generate a high accuracy and low temperature shift current reference.
The calculated result for I(IREF) is 100 µA when R(IREF) is 12.3 kΩ. The I(IREF) can be programmed by external
resistor, R(IREF) in the range from 25 µA to 250 µA. The voltage on the IREF pin is regulated to the 1.235 V
typically, and the current output on IREF pin can be calculated by using Equation 1.
(IREF)
(IREF)
(IREF)
V
I
R
(1)
where
• V(IREF) = 1.235 V (typical)
• R(IREF) = 12.3 kΩ recommended
The R(IREF) resistor needs to be placed as close as possible to the IREF pin with a 1-nF ceramic capacitor in
parallel to achieve the noise immunity. The off-board R(IREF) setup is not allowed due to the concern of reference
current instability.
7.3.4 Constant-Current Output and Setting (INx)
The TPS92633 device is a high-side current driver for driving LEDs. The device controls each output current
through regulating the voltage drop on an external high-side current-sense resistor, R(SNSx) between SUPPLY
and INx independently for each channel. An integrated error amplifier drives an internal power transistor to
maintain the voltage drop on the current-sense resistor R(SNSx) to V(CS_REG), therefore regulates the current
output to target value. When the output current is in regulation, the current value for each channel can be
calculated by using Equation 2.
(CS _ REG)
(OUTx _ Tot)
(SNSx)
V
I
R
(2)
where
• V(CS_REG) is variable according to Equation 3
• x = 1, 2 or 3 for output channel 1, 2 or 3
When the supply voltage drops below total LED string forward voltage plus required headroom voltage, the sum
of V(DROPOUT) and V(CS_REG), the TPS92633 is not able to deliver enough current output as set by the value of
R(SNSx), and the voltage across the current-sense resistor R(SNSx) is less than V(CS_REG).
7.3.5 Analog Current Control (ICTRL)
The TPS92633 supports analog constant current control for all three output channels together through adjusting
the V(CS_REG) voltage. As described in Constant-Current Output and Setting (INx), the TPS92633 regulates
each channel output current by maintaining the voltage drop on each R(SNSx) same to V(CS_REG). The V(CS_REG)
voltage is adjustable by an external resistor on ICTRL pin. The TPS92633 outputs a constant current, I(ICTRL),
on the ICTRL pin and measures the voltage on the ICTRL pin, V(ICTRL), to determine the V(CS_REG). The I(ICTRL)
current is 10 times of the I(IREF), and the V(ICTRL) is multiplied result of I(ICTRL) and R(ICTRL). The TPS92633
internally clamps the V(ICTRL) to maximum 2.75 V. The V(CS_REG) voltage can be calculated by using Equation 3.
www.ti.com
TPS92633
SLVSFE8 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS92633



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com