Electronic Components Datasheet Search
  English  ▼

X  

TPS92633MPWPR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92633MPWPR
Description  TPS92633 Three-Channel High-Side LED Driver with Thermal Sharing and Off-Board Binning
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92633MPWPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS92633MPWPR Datasheet HTML 19Page - Texas Instruments TPS92633MPWPR Datasheet HTML 20Page - Texas Instruments TPS92633MPWPR Datasheet HTML 21Page - Texas Instruments TPS92633MPWPR Datasheet HTML 22Page - Texas Instruments TPS92633MPWPR Datasheet HTML 23Page - Texas Instruments TPS92633MPWPR Datasheet HTML 24Page - Texas Instruments TPS92633MPWPR Datasheet HTML 25Page - Texas Instruments TPS92633MPWPR Datasheet HTML 26Page - Texas Instruments TPS92633MPWPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
7.3.9.8 Over-Temperature Protection
The TPS92633 device monitors device junction temperature. When the junction temperature reaches thermal
shutdown threshold T(TSD), the output shuts down. Once the junction temperature falls below T(TSD) – T(TSD_HYS),
the device recovers to normal operation. During over-temperature protection, the FAULT pin is pulled low.
7.3.10 FAULT Bus Output With One-Fails–All-Fail
During normal operation, The FAULT pin of TPS92633 is weakly pulled up by an internal pullup current source,
I(FAULT_pullup). If any fault scenario occurs, the FAULT pin is strongly pulled low by the internal pulldown current
sink, I(FAULT_pulldown) to report out the fault alarm.
Meanwhile, the TPS92633 also monitors the FAULT pin voltage internally. If the FAULT pin of the TPS92633 is
pulled low by external current sink below VIL(FAULT), the current output is turned off even though there is no fault
detected on owned outputs. The device does not resume to normal operation until the FAULT pin voltage rises
above VIH(FAULT).
Based on this feature, the TPS92633 device is able to construct a FAULT bus by tying FAULT pins from multiple
TPS92633 devices to achieve one-fails-all-fail function as Figure 7-12 showing. The lower side TPS92633 (B)
detects any kind of LED fault and pulls low the FAULT pin. The low voltage on FAULT pin is detected by upper
side TPS926133-Q1 (A) because the FAULT pins are connected of two devices. The upper side TPS92633 (A)
turns off all output current for each channel as a result. If the FAULT pins of each TPS92633 are all connected to
drive the base of an external PNP transistor as illustrated in Figure 7-13, the one-fails–all-fail function is disabled
and only the faulty channel is turned off.
VCC
Logic
FAULT
VCC
Logic
FAULT
20 kŸ
20 kŸ
VSUPPLY
TPS92633
A
TPS92633
B
Figure 7-12. FAULT Bus for One-Fails-All-Fail
Application
VCC
Log ic
FAULT
VCC
Log ic
FAULT
VSUPP LY
TPS92 633
A
TPS92 633
B
10 kŸ
10 kŸ
10 kŸ
10 kŸ
10 kŸ
10 kŸ
20 kŸ
20 kŸ
Figure 7-13. FAULT Bus for One-Fails-Others-On
Application
www.ti.com
TPS92633
SLVSFE8 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TPS92633



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com