Electronic Components Datasheet Search
  English  ▼

X  

MIC860 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC860
Description  Ultra-Low Power Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC860 Datasheet(HTML) 5 Page - Microchip Technology

  MIC860 Datasheet HTML 1Page - Microchip Technology MIC860 Datasheet HTML 2Page - Microchip Technology MIC860 Datasheet HTML 3Page - Microchip Technology MIC860 Datasheet HTML 4Page - Microchip Technology MIC860 Datasheet HTML 5Page - Microchip Technology MIC860 Datasheet HTML 6Page - Microchip Technology MIC860 Datasheet HTML 7Page - Microchip Technology MIC860 Datasheet HTML 8Page - Microchip Technology MIC860 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
 2020 Microchip Technology Inc.
DS20006338A-page 5
MIC860
2.0
TEST CIRCUITS
FET
PROBE
FET
PROBE
RF
20K
200K
MIC860
V+
0.1μF
10μF
0.1μF
10μF
V-
50
FIGURE 2-1:
Test Circuit 1, AV = 10.
FET
PROBE
FET
PROBE
RF
20K
20K
V+
0.1μF
10μF
0.1μF
10μF
V-
50
MIC860
R
L
5K
FIGURE 2-2:
Test Circuit 2, AV = 2.
FET
PROBE
FET
PROBE
RF
V+
0.1μF
10μF
0.1μF
10μF
R
L
5K
V-
50
MIC860
FIGURE 2-3:
Test Circuit 3, AV = 1.
FET
PROBE
FET
PROBE
RF
V+
0.1μF
10μF
0.1μF
10μF
V-
50
50
20K
MIC860
20K
FIGURE 2-4:
Test Circuit 4, AV = –1.
170k
48K
10K
10K
10 μF
0.1 μF
10 μF
50
50
100μF
0.1μF
10μF
100μF
ALL RESISTORS:
1% METAL FILM
OUTPUT
INPUT
V+
V—
MIC860
BNC
BNC
FIGURE 2-5:
Test Circuit 5, Positive
Power Supply Rejection Ratio Measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com