Electronic Components Datasheet Search
  English  ▼

X  

MIC860 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC860
Description  Ultra-Low Power Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC860 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC860 Datasheet HTML 7Page - Microchip Technology MIC860 Datasheet HTML 8Page - Microchip Technology MIC860 Datasheet HTML 9Page - Microchip Technology MIC860 Datasheet HTML 10Page - Microchip Technology MIC860 Datasheet HTML 11Page - Microchip Technology MIC860 Datasheet HTML 12Page - Microchip Technology MIC860 Datasheet HTML 13Page - Microchip Technology MIC860 Datasheet HTML 14Page - Microchip Technology MIC860 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TIME (500ns/div)
OUTPUT
(50mV/div)
AV = -1
V+ = 2.7V
CL = 2pF
RL
 2020 Microchip Technology Inc.
DS20006338A-page 11
MIC860
FIGURE 3-31:
Small Signal Response Test
Circuit 4: AV = –1.
TIME (500ns/div)
OUTPUT
(50mV/div)
AV = -1
V+ = 2.7V
CL = 2pF
RL
FIGURE 3-32:
Small Signal Response Test
Circuit 4: AV = –1.
TIME (500ns/div)
OUTPUT
(50mV/div)
AV = -1
V+ = 5V
CL = 2pF
RL
FIGURE 3-33:
Small Signal Response Test
Circuit 4: AV = –1.
TIME 250μs/div
AV = 2
V+ = 5V
CL = 2pF
RL = 1MΩ
FIGURE 3-34:
Rail-to-Rail Output
Operation Test Circuit 2: AV = 2.
TIME (250μs/div)
OUTPUT
(1V/div)
AV = 2
V+ = 2.7V
CL = 2 pF
RL
FIGURE 3-35:
Rail-to-Rail Output
Operation Test Circuit 2: AV = 2.
TIME (250μs/div)
OUTPUT
(2V/div)
AV = 2
V+ = 5V
CL = 2 pF
RL
FIGURE 3-36:
Rail-to-Rail Output
Operation Test Circuit 2: AV = 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com