Electronic Components Datasheet Search
  English  ▼

X  

MIC860 Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC860
Description  Ultra-Low Power Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC860 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC860 Datasheet HTML 2Page - Microchip Technology MIC860 Datasheet HTML 3Page - Microchip Technology MIC860 Datasheet HTML 4Page - Microchip Technology MIC860 Datasheet HTML 5Page - Microchip Technology MIC860 Datasheet HTML 6Page - Microchip Technology MIC860 Datasheet HTML 7Page - Microchip Technology MIC860 Datasheet HTML 8Page - Microchip Technology MIC860 Datasheet HTML 9Page - Microchip Technology MIC860 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MIC860
DS20006338A-page 6
 2020 Microchip Technology Inc.
3.0
TYPICAL PERFORMANCE CURVES
25
27
29
31
33
35
37
39
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
V + = 5V
V + = 2.7V
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
FIGURE 3-1:
Supply Current vs.
Temperature.
-6
-5.5
-5
-4.5
-4
-3.5
-3
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
V + = 5V
V + = 2.7V
FIGURE 3-2:
Offset Voltage vs.
Temperature.
0
5
10
15
20
25
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
V + = 5V
V + = 2.7V
FIGURE 3-3:
Short-Circuit Current
(Source) vs. Temperature.
-60
-50
-40
-30
-20
-10
0
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
V + = 5V
V + = 2.7V
FIGURE 3-4:
Short-Circuit Current (Sink)
vs. Temperature.
25
27
29
31
33
35
37
39
41
0.5
1
1.5
2
2.5
3
SUPPLY VOLTAGE (±V)
-40°C
+85°C
+25°C
V + = 5V
FIGURE 3-5:
Supply Current vs. Supply
Voltage.
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
5
10
15
20
25
30
OUTPUT CURRENT (mA)
-40°C
+85°C
+25°C
V + = 5V
FIGURE 3-6:
Output Voltage vs. Output
Current (Source).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com