Electronic Components Datasheet Search
  English  ▼

X  

MP8799AE Datasheet(PDF) 11 Page - Exar Corporation

Part # MP8799AE
Description  CMOS Very Low Power, 1 MSPS, 10-Bit Analog-to-Digital Converter with 8-Channel Mux
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP8799AE Datasheet(HTML) 11 Page - Exar Corporation

Back Button MP8799AE Datasheet HTML 7Page - Exar Corporation MP8799AE Datasheet HTML 8Page - Exar Corporation MP8799AE Datasheet HTML 9Page - Exar Corporation MP8799AE Datasheet HTML 10Page - Exar Corporation MP8799AE Datasheet HTML 11Page - Exar Corporation MP8799AE Datasheet HTML 12Page - Exar Corporation MP8799AE Datasheet HTML 13Page - Exar Corporation MP8799AE Datasheet HTML 14Page - Exar Corporation MP8799AE Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MP8799
11
Rev. 3.00
APPLICATION NOTES
Figure 14. Typical Circuit Connections
OFW
CLK
DB9 - DB0
OE
AGND
DGND
(Substrate)
MP8799
AIN1
VREF(+)
VREF(–)
3/4 R
1/4 R
Buffer
AVDD
DVDD
C1D, C2D
C1A, C2A
C1 = 4.7 or 10µF Tantalum
C2 = 0.1µF Chip Cap or low inductance cap
RT = Clock Transmission Line Termination
Reference
Voltage
Source
VREF1(–)
AIN
C1
C2
C1
C2
C1
C2
+
–
+5 V
RT
1 of 8
AIN8
Z
100W
Resistive
Isolation of
50 to 100
W
WR
CLK
A2
A1
A0
The following information will be useful in maximizing the per-
formance of the MP8799.
1. All signals should not exceed AVDD +0.5 V or AGND –0.5 V
or DVDD +0.5 V or DGND –0.5 V.
2. Any input pin which can see a value outside the absolute
maximum ratings (AVDD or DVDD+0.5 V or AGND –0.5 V)
should be protected by diode clamps (HP5082-2835) from
input pin to the supplies. All MP8799 inputs have input pro-
tection diodes which will protect the device from short tran-
sients outside the supply ranges.
3. The design of a PC board will affect the accuracy of MP8799.
Use of wire wrap is not recommended.
4. The analog input signal (VIN) is quite sensitive and should be
properly routed and terminated. It should be shielded from
the clock and digital outputs so as to minimize cross coupling
and noise pickup.
5. The analog input should be driven by a low impedance (less
than 50
Ω).
6. Analog and digital ground planes should be substantial and
common at one point only. The ground plane should act as a
shield for parasitics and not a return path for signals. To re-
duce noise levels, use separate low impedance ground
paths.
DGND should not be shared with other digital cir-
cuitry. If separate low impedance paths cannot be provided,
DGND should be connected to AGND next to the MP8799.
7.
DVDD should not be shared with other digital circuitry to
avoid conversion errors caused by digital supply transients.
DVDD for the MP8799 should be connected to AVDD next to
the MP8799.
8. DVDD and AVDD are connected inside the MP8799 through
the N – doped silicon substrate. Any DC voltage difference
between DVDD and AVDD will cause undesirable internal
currents.
9. Each power supply and reference voltage pin should be
decoupled with a ceramic (0.1
µF) and a tantalum (10µF) ca-
pacitor as close to the device as possible.
10. The digital output should not drive long wires. The capacitive
coupling and reflection will contribute noise to the conver-
sion. When driving distant loads, buffers should be used.
100
Ω resistors in series with the digital outputs in some ap-
plications reduces the digital output disruption of AIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com