Electronic Components Datasheet Search
  English  ▼

X  

MP8799AE Datasheet(PDF) 5 Page - Exar Corporation

Part # MP8799AE
Description  CMOS Very Low Power, 1 MSPS, 10-Bit Analog-to-Digital Converter with 8-Channel Mux
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP8799AE Datasheet(HTML) 5 Page - Exar Corporation

  MP8799AE Datasheet HTML 1Page - Exar Corporation MP8799AE Datasheet HTML 2Page - Exar Corporation MP8799AE Datasheet HTML 3Page - Exar Corporation MP8799AE Datasheet HTML 4Page - Exar Corporation MP8799AE Datasheet HTML 5Page - Exar Corporation MP8799AE Datasheet HTML 6Page - Exar Corporation MP8799AE Datasheet HTML 7Page - Exar Corporation MP8799AE Datasheet HTML 8Page - Exar Corporation MP8799AE Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MP8799
5
Rev. 3.00
ELECTRICAL CHARACTERISTICS TABLE (CONT’D)
25
°C
Specifications are subject to change without notice
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions/Comments
DIGITAL OUTPUTS
COUT=15 pF
Logical “1” Voltage
VOH
DVDD-0.5
V
ILOAD = 2 mA
Logical “0” Voltage
VOL
0.4
V
ILOAD = 4 mA
Tristate Leakage
IOZ
0+5
µAVOUT = 0 to DVDD
Data Hold Time (
See Figure 1.)1
tHLD
30
35
ns
Data Valid Delay1
tDL
35
45
ns
Write Pulse Width1
tWR
40
ns
Multiplexer Address Setup Time1
tAS
80
ns
Multiplexer Address Hold Time1
tAH
0ns
Delay from WR to Multiplexer1
Enable
tMUXEN1
80
ns
Power Down Time1
tPD
300
ns
Power Up Time1
tPU
200
ns
POWER SUPPLIES8
Power Down (IDD)IPD-DD
0.6
1.2
mA
Operating Voltage (AVDD, DVDD)VDD
4
5
6.5
V
Current (AVDD + DVDD)IDD
610
mA
VIN = 2 V
NOTES:
1
Guaranteed. Not tested.
2
Tester measures code transition voltages by dithering the voltage of the analog input (VIN). The difference between the measured
code width and the ideal value (VREF/1024) is the DNL error (see Figure 4.). The INL error is the maximum distance (in LSBs) from
the best fit line to any transition voltage (
See Figure 7.).
3
See VIN input equivalent circuit (see Figure 9.).
4
Clock specification to meet aperture specification (tAP). Actual rise/fall time can be less stringent with no loss of accuracy.
5
Specified values guarantee functional device. Refer to other parameters for accuracy.
6
System can clock MP8799 with any duty cycle as long as all timing conditions are met.
7
Input range where input is converted correctly into binary code. Input voltage outside specified range converts to zero or full scale
output.
8
DVDD and AVDD are connected through the silicon substrate. Connect together at the package.
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C unless otherwise noted)1, 2, 3
VDD (to GND)
+7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VREF(+), VREF(–), VREF1(–)
GND –0.5 to VDD +0.5 V
. . . . . . .
All AINs
GND –0.5 to VDD +0.5 V
. . . . . . . . . . . . . . . . . . . . . . .
All Inputs
GND –0.5 to VDD +0.5 V
. . . . . . . . . . . . . . . . . . . . .
All Outputs
GND –0.5 to VDD +0.5 V
. . . . . . . . . . . . . . . . . . .
Storage Temperature
–65 to +150
°C
. . . . . . . . . . . . . . . . . . .
Lead Temperature (Soldering 10 seconds)
+300
°C
. . . . . . .
Package Power Dissipation Rating to 75
°C
PQFP
450mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derates above 75
°C
14mW/
°C
. . . . . . . . . . . . . . . . . . . . .
NOTES:
1
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation at or above this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
2
Any input pin which can see a value outside the absolute maximum ratings should be protected by Schottky diode clamps
(HP5082-2835) from input pin to the supplies.
All inputs have protection diodes which will protect the device from short
transients outside the supplies of less than 100mA for less than 100
µs.
3
VDD refers to AVDD and DVDD. GND refers to AGND and DGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com