| Electronic Components Datasheet Search |
|
MP8799AE Datasheet(PDF) 6 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
MP8799AE Datasheet(HTML) 6 Page - Exar Corporation |
|
6 / 20 page ![]() MP8799 6 Rev. 3.00 AUTO BALANCE CLOCK DATA ANALOG INPUT SAMPLE N–1 Figure 1. MP8799 Timing Diagram SAMPLE N SAMPLE N+1 AUTO BALANCE N-1 TS VIH VIL VOH VOL tF tB tR tS tDL tHLD THEORY OF OPERATION Analog-to-Digital Conversion The MP8799 converts analog voltages into 1024 digital codes by encoding the outputs of 15 coarse and 67 fine compa- rators. Digital logic is used to generate the overflow bit. The con- version is synchronous with the clock and it is accomplished in 2 clock periods. The reference resistance ladder is a series of 1025 resistors. The first and the last resistor of the ladder are half the value of the others so that the following relations apply: RREF = 1024 ∗ R VREF = VREF(+) – VREF(–) = 1024 ∗ LSB The clock signal generates the two internal phases, φ B (CLK high) and φ S (CLK low = sample) (See Figure 2.). The rising edge of the CLK input marks the end of the sampling phase ( φ S). Internal delay of the clock circuitry will delay the actual instant when φ S disconnects the latches from the comparators. This de- lay is called aperture delay (tAP). The coarse comparators make the first pass conversion and selects a ladder range for the fine comparators. The fine compa- rators are connected to the selected range during the next φ B phase. Figure 2. MP8799 Comparators φS B φ B φ S φ Latch Ref Ladder COARSE COMPARATOR S S B B φ φ φ φ Latch Selected Range FINE COMPARATOR VIN VIN VTAP VTAP AIN Sampling, Ladder Sampling, and Conversion Timing Figure 3. shows this relationship as a timing chart. AIN sam- pling, ladder sampling and output data relationships are shown for the general case where the levels which drive the ladder need to change for each sampled AIN time point. The ladder is referenced for both last AIN sample and next AIN sample at the same time. If the ladder’s levels change by more than 1 LSB, one of the samples must be discarded. Also note that the clock low period for the discarded AIN can be reduced to the minimum tS time of 150 ns. Figure 3. AIN Sampling, Ladder Sampling & Conversion Timing Settle by Clock Update Time Reference Stable Time – For Sample AIN1 Sample AIN1 Reference Stable Time – For Sample AIN2 Hold Reference Value Past Clock Change for tAP Time Short Cycle Sample will be discarded Sample AIN2 AINX1 Not Used AINX0 Sample AIN1AINX1 Sample AIN2 Sample Ladder for AIN1 Sample Ladder for AINX1 Sample Ladder for AIN2 Sample Ladder for AINX2 Compare Ladder V/S AINX0 Compare Ladder V/S AIN1 Compare Ladder V/S AINX1 Compare Ladder V/S AIN2 DATA AIN0 DATA AINX0 DATA AIN1 DATA AINX1 Not Used Not Used DATA Ladder Compare (LSB Bank) Ladder Sample Window (MSB Bank) AIN Sample Window Clock Update References External Internal External tS FB FS FB FS FB FS |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |