Electronic Components Datasheet Search
  English  ▼

X  

SMF45AH Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SMF45AH
Description  200W, 5V - 100V Surface Mount Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMF45AH Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SMF45AH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMF45AH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMF45AH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMF45AH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMF45AH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SMF45AH Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMF5.0AH
– SMF100AH
Taiwan Semiconductor
2
Version: A2103
THERMAL PERFORMANCE
PARAMETER
SYMBOL
TYP
UNIT
Junction-to-lead thermal resistance
RӨJL
33
°C/W
Junction-to-ambient thermal resistance
RӨJA
100
°C/W
Junction-to-case thermal resistance
RӨJC
34
°C/W
Thermal Performance Note: Units mounted on PCB (5mm x 5mm Cu pad test board)
ORDERING INFORMATION
ORDERING CODE(1)
PACKAGE
PACKING
SMFxAH
SOD-123W
10,000 / Tape & Reel
Notes:
1.
“x” defines voltage from 5V (SMF5.0AH) to 100V (SMF100AH)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com