Electronic Components Datasheet Search
  English  ▼

X  

SMF45AH Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # SMF45AH
Description  200W, 5V - 100V Surface Mount Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMF45AH Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  SMF45AH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMF45AH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMF45AH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMF45AH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMF45AH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SMF45AH Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SMF5.0AH
– SMF100AH
Taiwan Semiconductor
4
Version: A2103
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Fig.1 Pulse Power or Current vs. Initial Junction
Temperature
Fig.2 Steady State Power Derating
Fig.3 Clamping Power Pulse Waveform
Fig.4 Typical Junction Capacitance
0
25
50
75
100
0
25
50
75
100
125
150
175
T
J - INITAL TEMPERATURE (
oC)
0
0.5
1
1.5
0
25
50
75
100
125
150
175
10
100
1000
10000
1
10
100
V(
BR), BREAKDOWN VOLTAGE (V)
f=1.0MHz
Vsig=50mVp-p
SMF6.0AH
SMF12AH
SMF22AH
SMF26AH
SMF51AH
0
20
40
60
80
100
120
140
160
0
0.5
1
1.5
2
2.5
3
t, TIME (ms)
td
Peak value
I
PPM
Rise time tr=10μs to 100% of I
PPM
Half value-I
PPM/2
10/1000μs, waveform
as defined by R.E.A.
Pulse width(td) is defined
as the point where the peak
current decays to 50% of I
PPM
LEAD TEMPERATURE (
oC)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com