Electronic Components Datasheet Search
  English  ▼

X  

SMF45AH Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SMF45AH
Description  200W, 5V - 100V Surface Mount Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMF45AH Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SMF45AH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMF45AH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMF45AH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMF45AH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMF45AH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SMF45AH Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMF5.0AH
– SMF100AH
Taiwan Semiconductor
3
Version: A2103
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
Part
number
Marking
code
Breakdown
voltage
VBR@IT
(V)
(Note 1)
Test
current
IT
(mA)
Working
stand-off
voltage
VWM
(V)
Maximum
reverse leakage
current
IR@VWM
(µA)
(Note 1)
Maximum peak
impulse current
IPPM
(A)
tp =10/1000μs
Maximum
clamping voltage
VC@IPPM
(V)
tp =10/1000μs
Uni
Uni
Min
Max
SMF5.0AH
2W5P0
6.4
7.0
10
5
800
21.7
9.2
SMF6.0AH
2W6P0
6.67
7.37
10
6
800
19.4
10.3
SMF6.5AH
2W6P5
7.22
7.98
10
6.5
500
17.9
11.2
SMF7.0AH
2W7P0
7.78
8.6
10
7.0
200
16.7
12.0
SMF7.5AH
2W7P5
8.33
9.21
1
7.5
100
15.5
12.9
SMF8.0AH
2W8P0
8.89
9.83
1
8.0
50
14.7
13.6
SMF8.5AH
2W8P5
9.44
10.5
1
8.5
10
13.9
14.4
SMF9.0AH
2W9P0
10.0
11.1
1
9.0
5
13.0
15.4
SMF10AH
2W010
11.1
12.3
1
10
5
11.8
17.0
SMF11AH
2W011
12.2
13.5
1
11
1
11.0
18.2
SMF12AH
2W012
13.3
14.7
1
12
1
10.1
19.9
SMF13AH
2W013
14.4
15.9
1
13
1
9.3
21.5
SMF14AH
2W014
15.6
17.2
1
14
1
8.6
23.2
SMF15AH
2W015
16.7
18.5
1
15
1
8.2
24.4
SMF16AH
2W016
17.8
19.7
1
16
1
7.7
26.0
SMF17AH
2W017
18.9
20.9
1
17
1
7.2
27.6
SMF18AH
2W018
20.0
22.1
1
18
1
6.8
29.2
SMF20AH
2W020
22.2
24.5
1
20
1
6.2
32.4
SMF22AH
2W022
24.4
26.9
1
22
1
5.6
35.5
SMF24AH
2W024
26.7
29.5
1
24
1
5.1
38.9
SMF26AH
2W026
28.9
31.9
1
26
1
4.8
42.1
SMF28AH
2W028
31.1
34.4
1
28
1
4.4
45.4
SMF30AH
2W030
33.3
36.8
1
30
1
4.1
48.4
SMF33AH
2W033
36.7
40.6
1
33
1
3.8
53.3
SMF36AH
2W036
40.0
44.2
1
36
1
3.4
58.1
SMF40AH
2W040
44.4
49.1
1
40
1
3.1
64.5
SMF43AH
2W043
47.8
52.8
1
43
1
2.9
69.4
SMF45AH
2W045
50.0
55.3
1
45
1
2.8
72.7
SMF48AH
2W048
53.3
58.9
1
48
1
2.6
77.4
SMF51AH
2W051
56.7
62.7
1
51
1
2.4
82.4
SMF54AH
2W054
60.0
66.3
1
54
1
2.3
87.1
SMF58AH
2W058
64.4
71.2
1
58
1
2.1
95
SMF60AH
2W060
66.7
73.7
1
60
1
1.8
96.8
SMF64AH
2W064
71.1
78.6
1
64
1
1.7
103
SMF70AH
2W070
77.8
86
1
70
1
1.55
113
SMF75AH
2W075
83.3
92.1
1
75
1
1.45
121
SMF78AH
2W078
86.7
95.8
1
78
1
1.4
126
SMF85AH
2W085
94.4
104
1
85
1
1.3
137
SMF90AH
2W090
100
111
1
90
1
1.2
146
SMF100AH 2W100
111
123
1
100
1
1.08
162
Notes:
1.
Pulse test with PW = 30ms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com