Electronic Components Datasheet Search
  English  ▼

X  

ABC200 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # ABC200
Description  High Efficiency up to 91% at 230 VAC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC200 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  ABC200_V01 Datasheet HTML 1Page - Bel Fuse Inc. ABC200_V01 Datasheet HTML 2Page - Bel Fuse Inc. ABC200_V01 Datasheet HTML 3Page - Bel Fuse Inc. ABC200_V01 Datasheet HTML 4Page - Bel Fuse Inc. ABC200_V01 Datasheet HTML 5Page - Bel Fuse Inc. ABC200_V01 Datasheet HTML 6Page - Bel Fuse Inc. ABC200_V01 Datasheet HTML 7Page - Bel Fuse Inc. ABC200_V01 Datasheet HTML 8Page - Bel Fuse Inc. ABC200_V01 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
ABC200 Series
tech.support@psbel.com
MODEL
INPUT VOLTAGE
OUTPUT VOLTAGE
NOM OUTPUT CURRENT
# OF OUTPUTS
OUTPUT POWER
ABC200-1012G
90 – 264 VAC
12 VDC
15 A
1
200 W
ABC200-1024G
90 – 264 VAC
24 VDC
8.5 A
1
200 W
ABC200-1048G
90 – 264 VAC
48 VDC
4.2 A
1
200 W
The ABC200-10XXG is a high efficiency and high power With 1 m/s system air cooling, the ABC200-1012G can density AC to DC
power supply. It incorporates boundary deliver up to 180 W continuous output power, and 204W for conduction mode (BCM) PFC
converter and soft-switching ABC200-1024G and the ABC200-1048G.
LLC converter, providing increased system reliability and
high efficiency.
Figure 1. ABC200-10XXG block diagram
Stresses in excess of the absolute maximum ratings may cause performance degradation, adversely affect long-term reliability, and
cause permanent damage to the supply.
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNIT
Vi maxc
Max Continuous Input
Continuous
Transient, 60 ms
264
300
VAC
VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com