Electronic Components Datasheet Search
  English  ▼

X  

ABC200 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # ABC200
Description  High Efficiency up to 91% at 230 VAC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC200 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  ABC200_V01 Datasheet HTML 1Page - Bel Fuse Inc. ABC200_V01 Datasheet HTML 2Page - Bel Fuse Inc. ABC200_V01 Datasheet HTML 3Page - Bel Fuse Inc. ABC200_V01 Datasheet HTML 4Page - Bel Fuse Inc. ABC200_V01 Datasheet HTML 5Page - Bel Fuse Inc. ABC200_V01 Datasheet HTML 6Page - Bel Fuse Inc. ABC200_V01 Datasheet HTML 7Page - Bel Fuse Inc. ABC200_V01 Datasheet HTML 8Page - Bel Fuse Inc. ABC200_V01 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ABC200 Series
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2020 Bel Power Solutions & Protection
BCD.G0201_AD
General Condition:
TA = -10… 50 °C unless otherwise noted. Active fan air cooling required: 200 LFM (1 m/s)
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNIT
Vi nom
Nominal Input Voltage
100
240
VAC
Vi
Input Voltage Ranges
Normal operating (
Vi min to Vi max)
90
264
VAC
Ii max
Max Input Current
At 90 VAC input and max rating
2.75
Arms
Ii p
Inrush Current Limitation
Vi nom = 115 VAC, T = 25°C (see Figure 2)
Vi nom = 230 VAC, T = 25°C (see Figure 3)
40
80
Ap
Fi
Input Frequency
47
50/60
63
Hz
PF
Power Factor
Normal input, half load and above
0.9
Vi on
Turn-On Input Voltage
1
Ramping up
85
87
90
VAC
Vi off
Turn-Off Input Voltage
1
Ramping down
80
83
85
VAC
η
Efficiency
Vi nom = 230 VAC, 0.5∙Io nom, Vo nom, TA = 25 °C
89
%
Vi nom = 230 VAC, 1.0∙Io nom, Vo nom, TA = 25 °C
91
Thold
Hold-Up Time
After last AC zero point,
Vo within regulation,
Vi = 115 VAC, Po nom
10
ms
1) The power supply is provided with the hysteresis loop (about 4.5V) during turn-on and turn-off within the ranges.
A slow-blow 5A input fuse (5 × 20 mm) in series with live line inside the power supply protects against severe defects. The fuse
and a VDR form together with the input filter an effective protection against high input transients
.
The AC-DC power supply exhibits an X-capacitance of only about 1.0
μF, resulting in a low and short peak current, when the
supply is connected to the mains. The internal bulk capacitor will be charged through a NTC resistor which will limit the inrus h
current (see Figure 2 and 3).
Figure 2. Inrush current, Vin = 115Vac, 90° CH1: Vin (100V/div), CH2: Iin (10A/div)
1 The power supply is provided with the hysteresis loop (about 4.5V) during turn-on and turn-off within the ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com