Electronic Components Datasheet Search
  English  ▼

X  

ABC200 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # ABC200
Description  High Efficiency up to 91% at 230 VAC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC200 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  ABC200_V01 Datasheet HTML 1Page - Bel Fuse Inc. ABC200_V01 Datasheet HTML 2Page - Bel Fuse Inc. ABC200_V01 Datasheet HTML 3Page - Bel Fuse Inc. ABC200_V01 Datasheet HTML 4Page - Bel Fuse Inc. ABC200_V01 Datasheet HTML 5Page - Bel Fuse Inc. ABC200_V01 Datasheet HTML 6Page - Bel Fuse Inc. ABC200_V01 Datasheet HTML 7Page - Bel Fuse Inc. ABC200_V01 Datasheet HTML 8Page - Bel Fuse Inc. ABC200_V01 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
ABC200 Series
tech.support@psbel.com
Figure 3. Inrush current, Vin = 230Vac, 90° CH1: Vin (200V/div), CH2: Iin (20A/div)
If the sinusoidal input voltage stays below the input under voltage lockout threshold
Vi on, the supply will be inhibited. Once the
input voltage returns within the normal operating range, the supply will return to normal operation again.
Power factor correction (PFC) is achieved by controlling the input current waveform synchronously with the input voltage. A
specified PFC controller is implemented in the boundary conduction mode topology giving outstanding PFC results over a
wide input voltage and load ranges. The input current will follow the shape of the input voltage.
The high efficiency (see Figure 4) is achieved by using softs witching LLC technology with boundary conduction mode PFC
topology minimizing switching losses. Synchronous rectifiers on the output reduce the losses in the high current A Schottky
or ultra fast diode is used as the rectifier in the output path for ABC200-1012G. ABC200-1024G and ABC200-1048G because
of the high output voltage level.
Figure 4. Efficiency Curves



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com