Electronic Components Datasheet Search
  English  ▼

X  

R7HL Datasheet(PDF) 39 Page - M-System Co.,Ltd.

Part # R7HL
Description  Remote I/O R7 Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7HL Datasheet(HTML) 39 Page - M-System Co.,Ltd.

Back Button R7HL Datasheet HTML 35Page - M-System Co.,Ltd. R7HL Datasheet HTML 36Page - M-System Co.,Ltd. R7HL Datasheet HTML 37Page - M-System Co.,Ltd. R7HL Datasheet HTML 38Page - M-System Co.,Ltd. R7HL Datasheet HTML 39Page - M-System Co.,Ltd. R7HL Datasheet HTML 40Page - M-System Co.,Ltd. R7HL Datasheet HTML 41Page - M-System Co.,Ltd. R7HL Datasheet HTML 42Page - M-System Co.,Ltd. R7HL Datasheet HTML 43Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
MODEL: R7HL
R7HL SPECIFICATIONS
ES-7812 Rev.18 Page 39/55
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY
Note: In order to improve EMC performance, bond the FG terminal to ground.
Caution: FG terminal is NOT a protective conductor terminal.
12
4
3
2
14
5
13
11
SLD0
INPUT 0
EXCITATION 0
V0
C0
Strain Gauge
INPUT 0
OUTPUT 0
+EXC0
+IN0
-IN0
-EXC0
Control
Circuit
6
7
24V DC
0V
3 FG
Comm.
Circuit
4
1
2
5
TXD– (NC)
TXD+ (NC)
RXD– (TR–)
RXD+ (TR+)
Isolation
15
6
7
8
16
18
9
17
1
10
C1
V1
SLD1
INPUT 1
EXCITATION 1
INPUT 1
OUTPUT 1
Strain Gauge
+IN1
-IN1
+EXC1
-EXC1
I/O Circuit
I/O Circuit
Note: Terminal numbers in parentheses are for half-duplex communication model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com