Electronic Components Datasheet Search
  English  ▼

X  

R7HL Datasheet(PDF) 48 Page - M-System Co.,Ltd.

Part # R7HL
Description  Remote I/O R7 Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7HL Datasheet(HTML) 48 Page - M-System Co.,Ltd.

Back Button R7HL Datasheet HTML 44Page - M-System Co.,Ltd. R7HL Datasheet HTML 45Page - M-System Co.,Ltd. R7HL Datasheet HTML 46Page - M-System Co.,Ltd. R7HL Datasheet HTML 47Page - M-System Co.,Ltd. R7HL Datasheet HTML 48Page - M-System Co.,Ltd. R7HL Datasheet HTML 49Page - M-System Co.,Ltd. R7HL Datasheet HTML 50Page - M-System Co.,Ltd. R7HL Datasheet HTML 51Page - M-System Co.,Ltd. R7HL Datasheet HTML 52Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 55 page
background image
MODEL: R7HL
R7HL SPECIFICATIONS
ES-7812 Rev.18 Page 48/55
http://www.m-system.co.jp/
Detecting Circuit
Detecting Circuit
GND
LCH/RST
Detecting Circuit
Detecting Circuit
Detecting Circuit
Control
Circuit
Comm.
Circuit
4
1
2
5
3
6
7
24V DC
FG
TXD– (NC)
TXD+ (NC)
RXD– (TR–)
RXD+ (TR+)
0V
+24V
GND
LCH
+24V 9
10
12
11
GND
OCA
GND
RST 13
14
16
15
GND
OCB
18
17
■ R7HL-PA2SA (open collector input, external sensor excitation)
+24V
GND
LATCH
RESET
OPEN COLL. OUTPUT A
OPEN COLL. OUTPUT B
+24V
GND
GND
+24V
GND
+24V
CH0
+24V
GND
LCH
+24V 9
10
12
11
GND
OCA
GND
RST 13
14
16
15
GND
OCB
18
17
+24V
GND
LATCH
ENCODER
RESET
OPEN COLL. OUTPUT A
OPEN COLL. OUTPUT B
+24V
GND
CH1
■ 2-Wire Sensor (LATCH/RESET)
Isolation
Input
Circuit
B
A
4
3
NC
V–
V+
Z 5
6
8
7
V+
GND
+24V
GND
V+
GND
Isolation
SNSR EXC.+
SNSR EXC.–
SNSR EXC. INPUT (IN)
24V DC
+
–
1
2
ENCODER
Input
Circuit
B
A
4
3
NC
V–
V+
Z 5
6
8
7
V+
GND
+24 V
GND
Isolation
Note 1: Terminal numbers in parentheses are for half-duplex communication model.
Note 2: For encoder input, use shielded twisted pair cable and the shield line must be grounded.
ENCODER EXCITATION (IN)
24V DC
1
2
ENCDR+
ENCDR–
+
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com