Electronic Components Datasheet Search
  English  ▼

X  

R7HL Datasheet(PDF) 53 Page - M-System Co.,Ltd.

Part # R7HL
Description  Remote I/O R7 Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7HL Datasheet(HTML) 53 Page - M-System Co.,Ltd.

Back Button R7HL Datasheet HTML 47Page - M-System Co.,Ltd. R7HL Datasheet HTML 48Page - M-System Co.,Ltd. R7HL Datasheet HTML 49Page - M-System Co.,Ltd. R7HL Datasheet HTML 50Page - M-System Co.,Ltd. R7HL Datasheet HTML 51Page - M-System Co.,Ltd. R7HL Datasheet HTML 52Page - M-System Co.,Ltd. R7HL Datasheet HTML 53Page - M-System Co.,Ltd. R7HL Datasheet HTML 54Page - M-System Co.,Ltd. R7HL Datasheet HTML 55Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 53 / 55 page
background image
MODEL: R7HL
R7HL SPECIFICATIONS
ES-7812 Rev.18 Page 53/55
http://www.m-system.co.jp/
DC VOLTAGE INPUT MODULE
(high speed, 8 points, non-isolated, 12 bits data)
MODEL: R7HL-SVF8NL
SPECIFICATIONS
Isolation: Input to HLS to power input to FG
Data allocation: 1
Converted data range: 0 – 4095 of the input range
Input range: -10 – +10 V DC, -5 – +5 V DC,
0 – 10 V DC, 0 – 5 V DC, 1 – 5 V DC
Input resistance: ≥ 1 MΩ
Conversion accuracy: ±0.1 %
Conversion rate: 2.5 msec. / channel
Response time: Conversion rate × 8 msec. (0 – 90 %)
Temperature coefficient: ±0.015 %/°C (±0.008 %/°F)
OPERATING MODE SETTING
(*) Factory setting
Caution ! - SW1-1, SW1-2 and SW1-7 are unused. Be sure to
turn off unused ones.
• Input Range (SW1-3, 1-4, 1-5, 1-6)
SW1-3
SW1-4
SW1-5
SW1-6 Input range
OFF
OFF
OFF
OFF
-10 – +10V DC (*)
ON
OFF
OFF
OFF
-5 – +5V DC
ON
ON
OFF
OFF
0 – 10V DC
OFF
OFF
ON
OFF
0 – 5V DC
ON
OFF
ON
OFF
1 – 5V DC
ON
ON
ON
ON
PC Con gurator setting
• Transfer Rate (SW1-8)
SW1-8
Transfer rate
Option code: NONE
Option code: /3
OFF
12 Mbps (*)
3 Mbps
ON
6 Mbps
Unused
TERMINAL ASSIGNMENTS
14
5
6
15
16
17
18
7
8
9
10
1
2
11
12
13
3
4
NC
NC
COM4
V4
V5
V6
V7
COM5 COM6
V0
COM0 COM1
V1
V2
V3
COM2 COM3
COM7
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
COM0
Common 0
10
V0
Voltage Input 0
2
COM1
Common 1
11
V1
Voltage Input 1
3
COM2
Common 2
12
V2
Voltage Input 2
4
COM3
Common 3
13
V3
Voltage Input 3
5
NC
No connection
14
NC
No connection
6
COM4
Common 4
15
V4
Voltage Input 4
7
COM5
Common 5
16
V5
Voltage Input 5
8
COM6
Common 6
17
V6
Voltage Input 6
9
COM7
Common 7
18
V7
Voltage Input 7
CIRCUIT DIAGRAM
Note: In order to improve EMC performance, bond the FG
terminal to ground.
Caution: FG terminal is NOT a protective conductor
terminal.
10
Control
Circuit
V0
COM0
V1
COM1
11
2
1
17
18
9
8
V6
COM6
V7
COM7
12
V2
COM2
V3
COM3
13
4
3
15
V4
COM4
V5
COM5
16
7
6
INPUT 0
INPUT 1
INPUT 2
INPUT 3
INPUT 4
INPUT 5
INPUT 6
INPUT 7
5
14
Comm.
Circuit
Input
Circuit
Input
Circuit
Input
Circuit
Input
Circuit
Input
Circuit
Input
Circuit
Input
Circuit
Input
Circuit
Isolation
4
1
2
5
3
6
7
24V DC
FG
TXD– (NC)
TXD+ (NC)
RXD– (TR–)
RXD+ (TR+)
0V
Note: Terminal numbers in parentheses are for half-duplex communication model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com