Electronic Components Datasheet Search
  English  ▼

X  

CMD201P5 Datasheet(PDF) 8 Page - Qorvo, Inc

Part # CMD201P5
Description  DC-20 GHz Distributed Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD201P5 Datasheet(HTML) 8 Page - Qorvo, Inc

Back Button CMD201P5 Datasheet HTML 2Page - Qorvo, Inc CMD201P5 Datasheet HTML 3Page - Qorvo, Inc CMD201P5 Datasheet HTML 4Page - Qorvo, Inc CMD201P5 Datasheet HTML 5Page - Qorvo, Inc CMD201P5 Datasheet HTML 6Page - Qorvo, Inc CMD201P5 Datasheet HTML 7Page - Qorvo, Inc CMD201P5 Datasheet HTML 8Page - Qorvo, Inc CMD201P5 Datasheet HTML 9Page - Qorvo, Inc CMD201P5 Datasheet HTML 10Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
CMD201P5
DC-20 GHz Distributed Power Amplifier
ver 1.2 0418
Pin
Function
Description
Schematic
1, 3, 7-12, 14, 17-
19, 23-28, 31, 32
N/C
No connection required. These pins may be
connected to RF/DC ground
4, 6, 20, 22 and
die paddle
Ground
Connect to RF / DC ground
2
Vgg2
Power supply voltage
Decoupling and bypass caps required
5
RF in
50 ohm matched input
15, 16
ACG4, 3
Low frequency termination. Attach bypass
capacitor per application circuit
13
Vgg1
Power supply voltage
Decoupling and bypass caps required
21
RF out &
Vdd
Power supply voltage and 50 ohm matched
output
29, 30
ACG2, 1
Low frequency termination. Attach bypass
capacitor per application circuit
Pin Description
GND
Functional Description
Pin Diagram
Vgg
RF in
ACG3
ACG4
RF out & Vdd
ACG1
ACG2
Vgg2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com