Electronic Components Datasheet Search
  English  ▼

X  

CMD201P5 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # CMD201P5
Description  DC-20 GHz Distributed Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD201P5 Datasheet(HTML) 2 Page - Qorvo, Inc

  CMD201P5 Datasheet HTML 1Page - Qorvo, Inc CMD201P5 Datasheet HTML 2Page - Qorvo, Inc CMD201P5 Datasheet HTML 3Page - Qorvo, Inc CMD201P5 Datasheet HTML 4Page - Qorvo, Inc CMD201P5 Datasheet HTML 5Page - Qorvo, Inc CMD201P5 Datasheet HTML 6Page - Qorvo, Inc CMD201P5 Datasheet HTML 7Page - Qorvo, Inc CMD201P5 Datasheet HTML 8Page - Qorvo, Inc CMD201P5 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
Parameter
Min
Typ
Max
Units
Vdd
8.0
10.0
12.0
V
Idd
400
mA
Vgg1
-0.55
V
Vgg2
5.0
V
Electrical performance is measured at specific
test conditions. Electrical specifications are not
guaranteed over all recommended operating con-
ditions.
Absolute Maximum Ratings
Recommended Operating Conditions
Electrical Specifications – Vdd = 10.0 V, Vgg1 = -0.55 V, Vgg2 = 5.0 V, TA = 25
oC
Specifications
Parameter
Rating
Drain Voltage, Vdd
12.0 V
Gate1 Voltage, Vgg1
-2.0 to 0 V
RF Input Power
+30 dBm
Channel Temperature, Tch
150 °C
Power Dissipation, Pdiss
5.43 W
Thermal Resistance, Θ JC
11.9 °C/W
Operating Temperature
-40 to 85 °C
Storage Temperature
-55 to 150 °C
Gate2 Voltage, Vgg2
6.0 V
ver 1.2 0418
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range
DC – 6
6 – 20
GHz
Gain
8
10
7
10
dB
Noise Figure
5
4
dB
Input Return Loss
8
10
dB
Output Return Loss
8
10
dB
Output P1dB
25
28
24
27
dBm
Supply Current
300
400
500
300
400
500
mA
Gain Temperature
Coefficient
0.009
0.014
dB/°C
Noise Figure Temperature
Coefficient
0.01
0.014
dB/°C
Output IP3
37
36
dBm
Output IP2
41
40
dBm
CMD201P5
DC-20 GHz Distributed Power Amplifier
Exceeding any one or combination of the maximum
ratings may cause permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com