Electronic Components Datasheet Search
  English  ▼

X  

CMD201P5 Datasheet(PDF) 10 Page - Qorvo, Inc

Part # CMD201P5
Description  DC-20 GHz Distributed Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD201P5 Datasheet(HTML) 10 Page - Qorvo, Inc

Back Button CMD201P5 Datasheet HTML 2Page - Qorvo, Inc CMD201P5 Datasheet HTML 3Page - Qorvo, Inc CMD201P5 Datasheet HTML 4Page - Qorvo, Inc CMD201P5 Datasheet HTML 5Page - Qorvo, Inc CMD201P5 Datasheet HTML 6Page - Qorvo, Inc CMD201P5 Datasheet HTML 7Page - Qorvo, Inc CMD201P5 Datasheet HTML 8Page - Qorvo, Inc CMD201P5 Datasheet HTML 9Page - Qorvo, Inc CMD201P5 Datasheet HTML 10Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
ver 1.2 0418
Applications Information
The CMD201P5 is biased with a positive drain supply, a negative gate1 supply and a positive gate2
supply. Performance is optimized when the drain voltage is set to +10 V. The recommended gate1 and
gate2 voltages are -0.55 V and +5 V respectively.
Turn ON procedure:
1.Apply gate voltage Vgg1 and set to -2 V
2.Apply drain voltage Vdd and set to +10 V
3.Apply gate voltage Vgg2 and set to +5V
4.Increase Vgg1 (less negative) to achieve a drain current of 400 mA
Turn OFF procedure:
1.Turn off gate voltage Vgg2
2.Turn off drain voltage Vdd
3.Turn off gate voltage Vgg1
CMD201P5
DC-20 GHz Distributed Power Amplifier
Biasing and Operation
Note: Drain voltage (Vdd) must be applied through a broadband bias tee or external bias network.
External DC block is required on RF input.
Application Circuit
Please note, all information contained in this data sheet is subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com