Electronic Components Datasheet Search
  English  ▼

X  

PT4841 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT4841
Description  65-W TRIPLE OUTPUT ISOLATED DC/DC CONVERTER FOR DSL APPLICATIONS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4841 Datasheet(HTML) 1 Page - Texas Instruments

  PT4841 Datasheet HTML 1Page - Texas Instruments PT4841 Datasheet HTML 2Page - Texas Instruments PT4841 Datasheet HTML 3Page - Texas Instruments PT4841 Datasheet HTML 4Page - Texas Instruments PT4841 Datasheet HTML 5Page - Texas Instruments PT4841 Datasheet HTML 6Page - Texas Instruments PT4841 Datasheet HTML 7Page - Texas Instruments PT4841 Datasheet HTML 8Page - Texas Instruments PT4841 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Features
• DSL Triple Outputs
(Independantly Regulated)
• Input Voltage Range:
36V to 75V
• 1500VDC Isolation
• On/Off Control
• Current Limit
• Short Circuit Protection
(All Outputs)
Ordering Information
PT4841
o = +15/+3.3/+1.5V (65W)
PT4842
o = +12/+3.3/+1.8V (62W)
PT Series Suffix (PT1234 x )
Case/Pin
Order
Package
Configuration
Suffix
Code
Vertical
N
(EKD)
Horizontal
A
(EKA)
SMD
C
(EKC)
(Reference the applicable package code drawing for
the dimensions and PC layout)
Typical Application
PT4840 Series—48V
Description
The PT4840 Excalibur™ power
modules are a series of isolated triple-
output DC/DC converters that
operate from a standard (–48V) central
office supply. Rated for up to 65W,
these regulators are appropriate for
powering both analog and mixed-
signal circuitry. A typical application
is a chip-set for an ADSL/DSL line
card.
The output voltage combinations
offered by the PT4840 series provide
power for a low-voltage processor
core, the associated digital circuitry,
and analog support circuitry.
The PT4840 series incorporates
many features to simplify system
integration. These include a flexible
On/Off control, over-temperature
protection, and an input under-
voltage lock-out. All outputs are
current limited and short-circuit
protected. In addition, the low-
voltage outputs for processor core
and digital circuitry meet the power-
up and power-down sequencing
requirements of popular DSP ICs.
The PT4840 series is housed in
a space-saving solderable case. The
module requires no external heat sink
and can occupy as little as 1.97 in2 of
PCB area.
Cin
= Optional
Cout = Optional; See specifications
EN1 & EN2 pins: See On/Off Enable Logic
65-W Triple Output Isolated DC/DC
Converter for DSL Applications
SLTS142C - DECEMBER 2000 -REVISED SEPTEMBER 2002
DSL/ADSL
IC Chip Set
+V
IN
–V
IN
+15VDC
+3.3VDC
+1.5VDC
PT4841
1
2
11
15,16
22,23
18–20
12,13
3
Vo
1
COM
COM
Vo
2
Vo
3
+V
IN
–V
IN
EN 1
Vo
2adj
Vo
3adj
17
21
Vo
2 Adjust
Vo
3 Adjust
C
OUT1
C
OUT3
C
OUT2
C
IN
4
EN 2
• Fixed Frequency Operation
• Over-Temperature Shutdown
• Under-Voltage Lockout
• Space Saving Package:
1.9 sq. in. PCB Area (suffix N)
• Solderable Copper Case
• Safety Approvals:
UL60950
CSA 22.2 950
VDE EN60950


Similar Part No. - PT4841

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4841 TI1-PT4841 Datasheet
247Kb / 14P
1500VDC Isolation
More results

Similar Description - PT4841

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS1T5-5D15 STMICROELECTRONICS-GS1T5-5D15 Datasheet
39Kb / 2P
1 W TRIPLE OUTPUT DC-DC CONVERTER
Jun-1994
GS2T5-5D15 STMICROELECTRONICS-GS2T5-5D15 Datasheet
33Kb / 2P
2 W TRIPLE OUTPUT DC-DC CONVERTER
Dec-1993
logo
Texas Instruments
PT4850 TI-PT4850 Datasheet
233Kb / 13P
25-A Triple Output Isolated DC/DC Converter For Logic Applications
PT4820 TI-PT4820 Datasheet
764Kb / 32P
35-W Triple Output Isolated DC/DC Converter for Logic Applications
PT4741 TI-PT4741 Datasheet
180Kb / 10P
70-W Quad-Output DC/DC Converter for DSL
PTB48510 TI-PTB48510 Datasheet
362Kb / 13P
Dual Complementary-Output DC/DC Converter for DSL
PTB48580A TI1-PTB48580A Datasheet
607Kb / 13P
Dual Complementary-Output DC/DC Converter for DSL
PTB48600A TI1-PTB48600A Datasheet
595Kb / 10P
85 W Dual Complementary-Output DC/DC Converter for DSL
PT4833A TI1-PT4833A Datasheet
760Kb / 33P
35-W Triple Output Isolated DC/DC Converter
PT4827A TI-PT4827A Datasheet
766Kb / 34P
35-W Triple Output Isolated DC/DC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com