Electronic Components Datasheet Search
  English  ▼

X  

PT4841 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT4841
Description  65-W TRIPLE OUTPUT ISOLATED DC/DC CONVERTER FOR DSL APPLICATIONS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4841 Datasheet(HTML) 2 Page - Texas Instruments

  PT4841 Datasheet HTML 1Page - Texas Instruments PT4841 Datasheet HTML 2Page - Texas Instruments PT4841 Datasheet HTML 3Page - Texas Instruments PT4841 Datasheet HTML 4Page - Texas Instruments PT4841 Datasheet HTML 5Page - Texas Instruments PT4841 Datasheet HTML 6Page - Texas Instruments PT4841 Datasheet HTML 7Page - Texas Instruments PT4841 Datasheet HTML 8Page - Texas Instruments PT4841 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Pin Function
1+Vin
2–Vin
3
EN 1
4
EN 2
5
TEMP
6
Do Not Connect
7
Do Not Connect
8
Pin Not Present
9
Pin Not Present
PT4840 Series—48V
65-W Triple Output Isolated DC/DC
Converter for DSL Applications
Pin Function
10
Pin Not Present
11
+Vo1
12
COM
13
COM
14
Pin Not Present
15+Vo2
16+Vo2
17Vo2 adjust
Pin Function
18
COM
19
COM
20
COM
21Vo3 adjust
22
+Vo3
23
+Vo3
24
Pin Not Present
25
Do Not Connect
26
Do Not Connect
On/Off Enable Logic
Pin Configuration
Pin Descriptions
Pin 3
Pin 4
Output Status
1
×
Off
01On
×
0
Off
Notes:
Logic 1 =Open collector
Logic 0 = –Vin (pin 2) potential
For positive Enable function, connect pin 3
to pin 2 and use pin 4.
For negative Enable function, leave pin 4
open and use pin 3.
+Vin:
The positive input supply for the module with
respect to –Vin. When powering the module from a
–48V telecom central office supply, this input is
connected to the primary system ground.
–Vin:
The negative input supply for the module, and
the 0VDC reference for the EN 1, EN 2, and TEMP
inputs. When powering the module from a +48V
supply, this input is connected to the 48V(Return).
EN 1:
The negative logic input that activates the
module output. This pin is referenced to –Vin. A
low-level voltage at this pin enables the module’s
outputs, and a high impedance impedance disables
the module’s outputs. If not used, the pin must be
connected to –Vin.
EN 2:
The positive logic input that activates the
module output. This pin is referenced to –Vin. A
high impedance at this pin enables the module’s
outputs. If not used, the pin should be left open
circuit.
TEMP:
This pin produces an output signal that tracks
a temperature that is approximately the module’s
metal case. The output voltage is referenced to –Vin
and rises approximately 10mV/°C from an intital
value of 0.1VDC at –40°C. The signal is available
whenever the module is supplied with a valid input
voltage, and is independant of the enable logic status.
(Note: A load impedance of less than 1M
Ω will adversly
affect the module’s over-temperature shutdown threshold.
Use a high-impedance input when monitoring this signal.)
Vo 1:
The highest regulated output voltage, which is
referenced to the COM node. The output may be
used to power analog support circuitry.
Vo 2:
The regulated output that is designed to power
logic or I/O circuitry. It is referenced to the COM
node.
Vo 3:
The low-voltage regulated output that provides
power for a micro, processor, ASIC, or DSP core,
and is referenced to the COM node.
COM:
The secondary return reference for the module’s
three regulated output voltages. It is DC isolated from
the input supply pins.
Vo2 Adjust: Using a single resistor, this pin allows Vo2
to be adjusted higher or lower than the preset value.
If not used, this pin should be left open circuit.
Vo3 Adjust: Using a single resistor, this pin allows Vo3
to be adjusted higher or lower than the preset value.
If not used, this pin should be left open circuit.
Note: Shaded functions indicate those pins that are at primary-side potential.
SLTS142C - DECEMBER 2000 -REVISED SEPTEMBER 2002
Environmental Specifications
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Operating Temperature Range
Ta
Over Vin Range
–40
—
85 (i)
°C
Over-Temperature Protection
OTP
Case temperature
100
—
—
°C
Solder Reflow Temperature
Treflow
Surface temperature of module pins or case
—
—
215 (ii)
°C
Storage Temperature
Ts
—
–40
—
125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
1 msec, ½ Sine, mounted
—
500
—
G’s
Mechanical Vibration
Mil-STD-883D Method 2007.2
Suffix N
—
10 (iii)
—
G’s
20-2000 Hz
Suffix A, C
—
20 (iii)
—
Weight
—
Vertical/Horizontal
—
90
—
grams
Flammability
—
Meets UL 94V-O
Notes:
(i) See SOA curves or consult factory for appropriate derating.
(ii) During solder reflow of SMD package version do not elevate the module case, pins, or internal component temperatures above a peak of 215°C. For
further guidance refer to the application note, “Reflow Soldering Requirements for Plug-in Power Surface Mount Products,” (SLTA051).
(iii) Only the case pins on through-hole pin configurations (N & A) must be soldered. For more information see the applicable package outline drawing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com