Electronic Components Datasheet Search
  English  ▼

X  

PT4841 Datasheet(PDF) 12 Page - Texas Instruments

Part # PT4841
Description  65-W TRIPLE OUTPUT ISOLATED DC/DC CONVERTER FOR DSL APPLICATIONS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4841 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PT4841 Datasheet HTML 6Page - Texas Instruments PT4841 Datasheet HTML 7Page - Texas Instruments PT4841 Datasheet HTML 8Page - Texas Instruments PT4841 Datasheet HTML 9Page - Texas Instruments PT4841 Datasheet HTML 10Page - Texas Instruments PT4841 Datasheet HTML 11Page - Texas Instruments PT4841 Datasheet HTML 12Page - Texas Instruments PT4841 Datasheet HTML 13Page - Texas Instruments PT4841 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes continued
3.0
(3.1)
3.05
(6.5)k
Ω
3.1
(11.5)k
Ω
3.15
(20.0)k
Ω
3.2
(36.9)k
Ω
3.25
(87.6)k
Ω
3.3
3.35
309.0k
Ω
3.4
151.0k
Ω
3.45
98.2k
Ω
3.5
71.7k
Ω
3.55
55.9k
Ω
3.6
45.3k
Ω
R1/R3 = Black, R2/R4 = (Blue)
Vo2 Bus
Vo3 Bus
Series Pt #
PT4841/42
PT4841
PT4842
Adj. Resistor
R1/(R2)
R3/(R4)
R3/(R4)
Vo(nom)
3.3V
1.5V
1.8V
Va(req’d)
Va(req’d)
Table 1
ADJUSTMENT RANGE AND FORMULA PARAMETERS
Vo2 Bus
Vo3 Bus
Series Pt #
PT4841/42
PT4841
PT4842
Adj. Resistor
R1/(R2)
R3/(R4)
R3/(R4)
Vo(nom)
3.3V
1.5V
1.8V
Va(min)
2.97V
1.35V
1.62V
Va(max)
3.63V
1.65V
1.98V
Vr
2.5V
1.0V
TBD
Ro (k
Ω)
6.34
4.99
TBD
Rs (k
Ω
Ω
Ω
Ω
Ω)
7.5
10.0
TBD
1.35
(1.6)k
Ω
1.4
(10.0)k
Ω
1.45
(34.9)k
Ω
1.5
1.55
89.8k
Ω
1.6
39.9k
Ω
1.65
23.3k
Ω
1.7
1.7
1.8
1.85
1.9
1.95
2.0
Table 2
ADJUSTMENT RESISTOR VALUES
PT4840 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com