Electronic Components Datasheet Search
  English  ▼

X  

ACE557U Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE557U
Description  250mA, Low Consumption, Wide Input Voltage Linear Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE557U Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE557U Datasheet HTML 1Page - ACE Technology Co., LTD. ACE557U Datasheet HTML 2Page - ACE Technology Co., LTD. ACE557U Datasheet HTML 3Page - ACE Technology Co., LTD. ACE557U Datasheet HTML 4Page - ACE Technology Co., LTD. ACE557U Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ACE557U
250mA, Low Consumption, Wide Input Voltage Linear Regulator
VER 1.2
2
Packaging Type
SOT-23-5/SOT-23-5A
SOT-89-5
Ordering information
ACE557U XX XX + H
Halogen - free
BN: SOT-23-5
BNA: SOT-23-5A
AN: SOT-89-5
Pb - free
Output Voltage:2.5V/ 2.6V /
…../5.0V / Default: Adjustable Version



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com