Electronic Components Datasheet Search
  English  ▼

X  

ACE557U Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE557U
Description  250mA, Low Consumption, Wide Input Voltage Linear Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE557U Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE557U Datasheet HTML 1Page - ACE Technology Co., LTD. ACE557U Datasheet HTML 2Page - ACE Technology Co., LTD. ACE557U Datasheet HTML 3Page - ACE Technology Co., LTD. ACE557U Datasheet HTML 4Page - ACE Technology Co., LTD. ACE557U Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ACE557U
250mA, Low Consumption, Wide Input Voltage Linear Regulator
VER 1.2
4
Packing Information
SOT-89-5
DIMENSIONS
Symbol
MILLIMETERS
INCHES
Min
Typ
Max
Min
Typ
Max
A
1.40
1.50
1.60
0.055
0.059
0.063
b
0.32
0.54
0.013
0.021
b1
0.38
0.62
0.015
0.024
c
0.35
0.44
0.014
0.017
D
4.40
4.50
4.60
0.173
0.177
0.181
D1
1.40
1.83
0.055
0.072
E
2.30
2.50
2.60
0.091
0.098
0.102
e
1.50TYP
0.059TYP
L
0.65
1.20
0.026
0.047



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com