Electronic Components Datasheet Search
  English  ▼

X  

ACE557U Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE557U
Description  250mA, Low Consumption, Wide Input Voltage Linear Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE557U Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE557U Datasheet HTML 1Page - ACE Technology Co., LTD. ACE557U Datasheet HTML 2Page - ACE Technology Co., LTD. ACE557U Datasheet HTML 3Page - ACE Technology Co., LTD. ACE557U Datasheet HTML 4Page - ACE Technology Co., LTD. ACE557U Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ACE557U
250mA, Low Consumption, Wide Input Voltage Linear Regulator
VER 1.2
1
Description
The ACE557U series are a group of positive voltage output, high precise and low power consumption
voltage regulators. The maximum input voltage is 16V. The output voltages are available in 100mV steps
within a range of 2.5V to 5V. It can also be customized on request.
The ACE557U series have very low power consumption (IQ
=2μA) which can greatly extend battery life.
The ACE557U series are available in SOT23-5 & SOT89-5 packages.
Features
⚫
Maximum Input Voltage: 16V
⚫
Low Quiescent Current: 2μA (Typ.)
⚫
Maximum Output Current: 250mA
⚫
Low Dropout: 210mV@100mA (VOUT=3.3V)
420mV@200mA (VOUT=3.3V)
⚫
Low Temperature Coefficient: ±150ppm/°C
⚫
Output Current Limit: 330mA@ VOUT=3.3V
Application
⚫
Battery-Powered Equipment
⚫
Power Management of MP3, PDA, DSC, Mouse, PS2 Games
⚫
Reference Voltage Source
⚫
Hand-Hold Equipment
Absolute Maximum Rating
Parameter
Symbol
Value
Unit
V
IN
Max Input Voltage
18
V
Power dissipation
SOT-23-5
PD
300
mW
SOT-89-5
PD
1200
mW
Operating Junction Temperature
TJ
125
°C
Ambient Temperature
TA
-40 to 85
°C
Storage Temperature Range
T
STG
-40 to 150
°C
Lead Temperature for Soldering 10 Seconds
TL
260
°C
Recommended Work Condition
Symbol
Parameter
Value
Unit
V
IN
Max Input Voltage
16
V


Similar Part No. - ACE557U

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE555 ACE-ACE555 Datasheet
184Kb / 6P
400mA LDO Dropout Voltage Regulator
VER 1.2
ACE55518AMA+ ACE-ACE55518AMA+ Datasheet
184Kb / 6P
400mA LDO Dropout Voltage Regulator
VER 1.2
ACE55518AMB+ ACE-ACE55518AMB+ Datasheet
184Kb / 6P
400mA LDO Dropout Voltage Regulator
VER 1.2
ACE55518AMC+ ACE-ACE55518AMC+ Datasheet
184Kb / 6P
400mA LDO Dropout Voltage Regulator
VER 1.2
ACE55525AMA+ ACE-ACE55525AMA+ Datasheet
184Kb / 6P
400mA LDO Dropout Voltage Regulator
VER 1.2
More results

Similar Description - ACE557U

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503 Datasheet
1Mb / 12P
250mA CMOS Low Dropout Voltage Low consumption Regulator
BL8567 BELLING-BL8567 Datasheet
325Kb / 7P
300mA, Wide Input Voltage, Low Consumption Linear Regulator
logo
Union Semiconductor, In...
UM14225S UNIONSEMI-UM14225S Datasheet
222Kb / 10P
300mA, Low Consumption, Wide Input Voltage Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8061 BELLING-BL8061 Datasheet
691Kb / 10P
250mA Low Consumption Linear Regulator
logo
Union Semiconductor, In...
UM14225S UNIONSEMI-UM14225S_16 Datasheet
280Kb / 10P
300mA, Low Consumption, Wide Input Voltage Linear Regulator
logo
ACE Technology Co., LTD...
ACE523C ACE-ACE523C Datasheet
657Kb / 8P
250mA Low consumption Linear Regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8062 BELLING-BL8062 Datasheet
839Kb / 6P
250mA Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE521 ACE-ACE521 Datasheet
680Kb / 10P
250mA CMOS Low consumption Linear Regulator
VER 1.4
logo
AiT Semiconductor Inc.
A6201A AITSEMI-A6201A Datasheet
377Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0
A6250A AITSEMI-A6250A Datasheet
747Kb / 11P
LOW DROPOUT VOLTAGE REGULATOR 250mA LOW CONSUMPTION LINEAR REGULATOR
REV2.5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com