Electronic Components Datasheet Search
  English  ▼

X  

ACE701CA Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE701CA
Description  Small Package PFM Control Step-Up DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE701CA Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE701CA Datasheet HTML 1Page - ACE Technology Co., LTD. ACE701CA Datasheet HTML 2Page - ACE Technology Co., LTD. ACE701CA Datasheet HTML 3Page - ACE Technology Co., LTD. ACE701CA Datasheet HTML 4Page - ACE Technology Co., LTD. ACE701CA Datasheet HTML 5Page - ACE Technology Co., LTD. ACE701CA Datasheet HTML 6Page - ACE Technology Co., LTD. ACE701CA Datasheet HTML 7Page - ACE Technology Co., LTD. ACE701CA Datasheet HTML 8Page - ACE Technology Co., LTD. ACE701CA Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ACE701CA
Small Package PFM Control Step-Up DC/DC Converter
VER 1.2
2
Packaging Type
SOT-23-3
SOT-23-5
SOT-89-3
SOT-89-5
TO-92
Pin Configuration
SOT-23-3
SOT-23-5
SOT-89-3
SOT-89-5
TO-92
Description
Function
1
2
2
2
2
V
OUT
Output voltage pin
2
4
1
5
1
V
SS
GND pin
3
5
3
4
3
LX/EXT
External inductor connection
pin
1
3
EN
Shutdown pin
“H”: Normal operation
“L”: Step-up stopped
3
1
NC
No connection
Ordering information
ACE701CA X XX XX + H
Output Voltage: 1.8V/1.9V/……/5.9V/6.0V
Function Description:
1: Internal Tr. Driver, Without Enable circuit
2: Internal Tr. Driver, With Enable circuit
3: External Tr. Driver, Without Enable circuit
4: External Tr. Driver, With Enable circuit
Pb - free
BM: SOT-23-3
BN: SOT-23-5
AM: SOT-89-3
AN: SOT-89-5
EP: TO-92
Halogen - free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com