Electronic Components Datasheet Search
  English  ▼

X  

ACE701CA Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE701CA
Description  Small Package PFM Control Step-Up DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE701CA Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE701CA Datasheet HTML 1Page - ACE Technology Co., LTD. ACE701CA Datasheet HTML 2Page - ACE Technology Co., LTD. ACE701CA Datasheet HTML 3Page - ACE Technology Co., LTD. ACE701CA Datasheet HTML 4Page - ACE Technology Co., LTD. ACE701CA Datasheet HTML 5Page - ACE Technology Co., LTD. ACE701CA Datasheet HTML 6Page - ACE Technology Co., LTD. ACE701CA Datasheet HTML 7Page - ACE Technology Co., LTD. ACE701CA Datasheet HTML 8Page - ACE Technology Co., LTD. ACE701CA Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ACE701CA
Small Package PFM Control Step-Up DC/DC Converter
VER 1.2
1
Description
The ACE701CA Series is a CMOS PFM-control step-up switching DC/DC converter. The PFM
controller allows the duty ratio to be automatically switched according to the load (light load: 66%, high
output current: 78%), enabling products with a low ripple over a wide range, high efficiency, and high
output current. With the ACE701CA Series, a step-up switching DC/DC converter can be configured by
using an external coil, capacitor, and diode. The built-in MOSFET is turned off by a protection circuit when
the voltage at the LX pin exceeds the limit to prevent it from being damaged. This feature, along with the
mini package and low current consumption, makes the ACE701CA Series ideal for applications such as
the power supply unit of portable equipment.
Features
Low voltage operation: Startup at 0.9 V min. (IOUT = 1 mA) guaranteed
Duty ratio: 66/78%, built in auto switching type PFM controller
External parts: Coil, capacitor, diode
Output voltage: Settable to between 1.8V to 6.0 V in 0.1 V steps
Accuracy of ±2%
High efficiency:±85%(typ.)
Standard function (product type A)
Shutdown function (product type C,D)
External transistor type available (product type B、D)
Application
Digital cameras
Electronic notebooks and PDAs
Portable CD/MD players
Cameras, video equipment
Communications equipment
Power supply for microcomputers
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
VOUT pin voltage
VOUT
VSS-0.3 ~ VSS+8
V
EN pin voltage
EN
VSS-0.3 ~ VSS+8
V
LX pin voltage
VLX
VSS-0.3 ~ VSS+8
V
LX pin current
ILX
1000
mA
Power dissipation
SOT-23-3
PD
250
mW
SOT-23-5
250
mW
SOT-89-3
500
mW
TO-92
500
mW
Operating temperature
Topr
-40 ~+85
℃
Storage temperature
Tstg
-40 ~+125
℃
Soldering Temperature & Time
Tsolder
260°C, 10s


Similar Part No. - ACE701CA

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE701C ACE-ACE701C Datasheet
465Kb / 10P
High Efficiency Low Noise PFM Boost DC/DC Converter
VER 1.3
ACE701C125BM+H ACE-ACE701C125BM+H Datasheet
465Kb / 10P
High Efficiency Low Noise PFM Boost DC/DC Converter
VER 1.3
ACE701C130BM+H ACE-ACE701C130BM+H Datasheet
465Kb / 10P
High Efficiency Low Noise PFM Boost DC/DC Converter
VER 1.3
ACE701C160BM+H ACE-ACE701C160BM+H Datasheet
465Kb / 10P
High Efficiency Low Noise PFM Boost DC/DC Converter
VER 1.3
ACE701CC ACE-ACE701CC Datasheet
882Kb / 11P
Synchronous Step-Up DC/DC Converter
VER 1.2
More results

Similar Description - ACE701CA

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
PFM STEP-UP DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77XX HOLTEK-HT77XX Datasheet
131Kb / 15P
PFM Step-up DC/DC Converter
March 7, 2006
HT77XXA HOLTEK-HT77XXA Datasheet
370Kb / 18P
PFM Step-up DC/DC Converter
September 26, 2007
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
PFM Step-up DC/DC Converter
logo
Leshan Radio Company
LR8301 LRC-LR8301 Datasheet
426Kb / 9P
SMALL PACKAGE PFM CONTROL STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1910 A-POWER-APE1910 Datasheet
153Kb / 5P
STEP-UP PFM DC/DC CONVERTER
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
PFM step-up DC/DC converter
logo
Leshan Radio Company
LR8303 LRC-LR8303 Datasheet
398Kb / 11P
300KHz PFM Control Step-Up DC/DC Converter
logo
List of Unclassifed Man...
CE8301 ETC1-CE8301 Datasheet
441Kb / 11P
SMALL PACKAGE PFM CONTROL STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com