Electronic Components Datasheet Search
  English  ▼

X  

ACE701CA Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE701CA
Description  Small Package PFM Control Step-Up DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE701CA Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE701CA Datasheet HTML 1Page - ACE Technology Co., LTD. ACE701CA Datasheet HTML 2Page - ACE Technology Co., LTD. ACE701CA Datasheet HTML 3Page - ACE Technology Co., LTD. ACE701CA Datasheet HTML 4Page - ACE Technology Co., LTD. ACE701CA Datasheet HTML 5Page - ACE Technology Co., LTD. ACE701CA Datasheet HTML 6Page - ACE Technology Co., LTD. ACE701CA Datasheet HTML 7Page - ACE Technology Co., LTD. ACE701CA Datasheet HTML 8Page - ACE Technology Co., LTD. ACE701CA Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ACE701CA
Small Package PFM Control Step-Up DC/DC Converter
VER 1.2
4
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output voltage
VOUT
VOUT(S
)
×0.98
VOUT
VOUT(S)
×1.02
V
Input voltage
VIN
6
V
Operation start voltage
VST1
IOUT= 1 mA
0.9
V
Oscillation start voltage
VST2
No external parts, voltage
applied to VOUT LX pulled up
to VOUT
via 300Ω resistor
0.8
V
Current consumption 1
ISS1
VOUT=0.95
×VOUT
VOUT:3.0V
20
40
uA
VOUT:5.0V
30
60
uA
Current consumption 2
ISS2
VOUT=VOUT+0.5 V
6
10
uA
Current consumption
during shutdown
ISSS
VEN = 0 V
1.0
mA
Switching current
ISW
VLX= 0.4 V
100
200
uA
Switching transistor
leakage current
ISWQ
No external parts, VLX=VOUT
=8 V ,VEN = 0 V
1.0
uA
Line regulation
∆V
OUT1
VIN= 0.4×VOUT~0.6×VOUT
20
50
mV
Load regulation
∆V
OUT2
IOUT= 10 µA ~ 50mA
20
50
mV
Maximum Oscillation
frequency
fosc
VOUT= 0.95×VOUT, measure
waveform at LX pin
100
Khz
Duty ratio 1
Duty1
VOUT= 0.95×VOUT,
measure waveform at
LX pin
70
78
85
%
Duty ratio 2
Duty2
Measure waveform at
LX pin with light load
66
%
Efficiency
EFFI
85
%
Shutdown pin input
voltage
VSH
VOUT=0.95×VOUT, judge
oscillation at LX pin
0.75
V
VSL1
VOUT= 0.95×VOUT,
judge stop at LX pin
0.3
V
Shutdown pin input
current
ISH
VEN=6V
-0.1
0.1
uA
ISL
VEN=0V
-0.1
0.1
uA
Remark:
VIN =VOUT(S)×0.6 applied, IOUT=VOUT(S)
/ 250 Ω
Shutdown function built-in type: EN pin is connected to VOUT
VST1 only is suitable for ACE701CA A/C
VOUT(S) specified above is the set output voltage value, and VOUT is the typical value of the actual output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com