Electronic Components Datasheet Search
  English  ▼

X  

CMD217 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # CMD217
Description  28-32 GHz GaN Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD217 Datasheet(HTML) 2 Page - Qorvo, Inc

  CMD217 Datasheet HTML 1Page - Qorvo, Inc CMD217 Datasheet HTML 2Page - Qorvo, Inc CMD217 Datasheet HTML 3Page - Qorvo, Inc CMD217 Datasheet HTML 4Page - Qorvo, Inc CMD217 Datasheet HTML 5Page - Qorvo, Inc CMD217 Datasheet HTML 6Page - Qorvo, Inc CMD217 Datasheet HTML 7Page - Qorvo, Inc CMD217 Datasheet HTML 8Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
CMD217
28-32 GHz GaN Power Amplifier
Specifications
Absolute Maximum Ratings
Recommended Operating Conditions
Parameter
Rating
Drain Voltage, Vdd
32 V
RF Input Power
+30 dBm
Channel Temperature, Tch
175 ºC
Power Dissipation, Pdiss
25.4 W
Thermal Resistance,
Q
JC
3.55 ºC/W
Operating Temperature
-55 to 85 °C
Storage Temperature
-55 to 150 °C
Gate Voltage, Vgg1, 2, 3
-1.0 V
Electrical performance is measured at specific
test conditions. Electrical specifications are not
guaranteed over all recommended operating con-
ditions.
ver 1.7 0320
Electrical Specifications - V = 28 V, Vgg1 = Vgg2 = Vgg3 = -3.4 V, TA = 25
oC
Parameter
Min
Typ
Max
Units
Vdd
20
28
30
V
Idd
580
mA
Vgg1, 2, 3
-3.4
Parameter
Min
Typ
Max
Units
Frequency Range
28 - 32
GHz
Gain
20
dB
Input Return Loss
13
dB
Output Return Loss
15
dB
Output P1dB
36.7
dBm
Psat
39
dBm
Output IP3
41.5
dBm
Power Added Efficiency
32
%
Supply Current
580
mA
Exceeding any one or combination of the maximum ratings
may cause permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com