Electronic Components Datasheet Search
  English  ▼

X  

MAX5432 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5432
Description  32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5432 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5432 Datasheet HTML 3Page - Maxim Integrated Products MAX5432 Datasheet HTML 4Page - Maxim Integrated Products MAX5432 Datasheet HTML 5Page - Maxim Integrated Products MAX5432 Datasheet HTML 6Page - Maxim Integrated Products MAX5432 Datasheet HTML 7Page - Maxim Integrated Products MAX5432 Datasheet HTML 8Page - Maxim Integrated Products MAX5432 Datasheet HTML 9Page - Maxim Integrated Products MAX5432 Datasheet HTML 10Page - Maxim Integrated Products MAX5432 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
32-Tap, Nonvolatile, I2C, Linear, Digital
Potentiometers
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(VDD = +5V, TA = +25°C, unless otherwise noted.)
-0.5
-0.3
-0.4
-0.1
-0.2
0.1
0
0.2
0.4
0.3
0.5
08
12
416
20
24
28 31
RESISTANCE DNL vs. TAP POSITION
TAP POSITION
VOLTAGE-DIVIDER MODE
MAX5432
-0.5
-0.3
-0.4
-0.1
-0.2
0.1
0
0.2
0.4
0.3
0.5
08
12
416
20
24
28 31
RESISTANCE INL vs. TAP POSITION
TAP POSITION
VOLTAGE-DIVIDER MODE
MAX5432
-0.5
-0.3
-0.4
-0.1
-0.2
0.1
0
0.2
0.4
0.3
0.5
08
12
416
20
24
28
RESISTANCE DNL vs. TAP POSITION
TAP POSITION
VARIABLE-RESISTOR MODE
MAX5433/MAX5435
31
-0.5
-0.3
-0.4
-0.1
-0.2
0.1
0
0.2
0.4
0.3
0.5
08
12
416
20
24
28
RESISTANCE INL vs. TAP POSITION
TAP POSITION
VARIABLE-RESISTOR MODE
MAX5433/MAX5435
31
-0.5
-0.3
-0.4
-0.1
-0.2
0.1
0
0.2
0.4
0.3
0.5
08
12
416
20
24
28
RESISTANCE DNL vs. TAP POSITION
TAP POSITION
VOLTAGE-DIVIDER MODE
MAX5433
31
-0.5
-0.3
-0.4
-0.1
-0.2
0.1
0
0.2
0.4
0.3
0.5
08
12
416
20
24
28
RESISTANCE INL vs. TAP POSITION
TAP POSITION
VOLTAGE-DIVIDER MODE
MAX5433
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com