Electronic Components Datasheet Search
  English  ▼

X  

MAX5432 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5432
Description  32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5432 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5432 Datasheet HTML 1Page - Maxim Integrated Products MAX5432 Datasheet HTML 2Page - Maxim Integrated Products MAX5432 Datasheet HTML 3Page - Maxim Integrated Products MAX5432 Datasheet HTML 4Page - Maxim Integrated Products MAX5432 Datasheet HTML 5Page - Maxim Integrated Products MAX5432 Datasheet HTML 6Page - Maxim Integrated Products MAX5432 Datasheet HTML 7Page - Maxim Integrated Products MAX5432 Datasheet HTML 8Page - Maxim Integrated Products MAX5432 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
32-Tap, Nonvolatile, I2C, Linear, Digital
Potentiometers
_______________________________________________________________________________________
5
1.0
0.5
0
-0.5
-1.0
-40
10
-15
35
60
85
END-TO-END RESISTANCE % CHANGE
vs. TEMPERATURE
TEMPERATURE (
°C)
50k
Ω
1.0
0.5
0
-0.5
-1.0
-40
10
-15
35
60
85
END-TO-END RESISTANCE % CHANGE
vs. TEMPERATURE
TEMPERATURE (
°C)
100k
Ω
1
µs/div
TAP-TO-TAP SWITCHING TRANSIENT
(0 TO MIDSCALE, CL = 10pF)
VW
1V/div
SDA
2V/div
MAX5432–35 toc06
50k
Ω
1
µs/div
TAP-TO-TAP SWITCHING TRANSIENT
(0 TO MIDSCALE, CL = 10pF)
VW
1V/div
SDA
2V/div
MAX5432–35 toc07
100k
Ω
10
µs/div
WIPER TRANSIENT AT POWER-ON
VW
1V/div
VDD
2V/div
MAX5432–35 toc08
50k
Ω
10
µs/div
MIDSCALE WIPER TRANSIENT
AT POWER-ON
VW
1V/div
VDD
2V/div
MAX5432–35 toc09
100k
Ω
MIDSCALE WIPER RESPONSE
vs. FREQUENCY
(MAX5432)
FREQUENCY (kHz)
100
10
1
-15
-12
-9
-6
-3
0
-18
0.1
1000
CW = 10pF
CW = 33pF
-18
-12
-15
-6
-3
-9
0
0.1
1
10
100
1000
MIDSCALE WIPER RESPONSE
vs. FREQUENCY (MAX5433)
FREQUENCY (kHz)
CW = 10pF
CW = 33pF
0
100
300
200
500
600
400
700
08
12
4
1620242831
WIPER RESISTANCE vs. TAP POSITION
(MAX5432)
TAP POSITION
VDD = 3V
Typical Operating Characteristics (continued)
(VDD = +5V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com