Electronic Components Datasheet Search
  English  ▼

X  

MAX5432 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5432
Description  32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5432 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5432 Datasheet HTML 1Page - Maxim Integrated Products MAX5432 Datasheet HTML 2Page - Maxim Integrated Products MAX5432 Datasheet HTML 3Page - Maxim Integrated Products MAX5432 Datasheet HTML 4Page - Maxim Integrated Products MAX5432 Datasheet HTML 5Page - Maxim Integrated Products MAX5432 Datasheet HTML 6Page - Maxim Integrated Products MAX5432 Datasheet HTML 7Page - Maxim Integrated Products MAX5432 Datasheet HTML 8Page - Maxim Integrated Products MAX5432 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
General Description
The MAX5432–MAX5435 nonvolatile, linear-taper, digi-
tal potentiometers perform the function of a mechanical
potentiometer, but replace the mechanics with a simple
2-wire serial interface. Each device performs the same
function as a discrete potentiometer or a variable resis-
tor and has 32 tap points.
The MAX5432–MAX5435 feature an internal, nonvolatile,
electrically erasable programmable read-only memory
(EEPROM) that returns the wiper to its previously stored
position at power-up. The fast-mode I2C†-compatible
serial interface allows communication at data rates up to
400kbps, minimizing board space and reducing inter-
connection complexity. Each device is available with
one of four factory-preset I2C addresses (see the
Selector Guide).
Use the MAX5432–MAX5435 in applications requiring
digitally controlled resistors. Two resistance values are
available (50k
Ω and 100kΩ) in a voltage-divider or vari-
able resistor configuration. The nominal resistor temper-
ature coefficient is 35ppm/°C end-to-end, and only
5ppm/°C ratiometric, making the devices ideal for
applications requiring a low-temperature-coefficient
variable resistor such as low-drift, programmable-gain
amplifier circuit configurations.
The MAX5432/MAX5433 are available in a 3mm x 3mm 8-
pin TDFN package and the MAX5434/MAX5435 are avail-
able in a 6-pin thin SOT23 package. The MAX5432–
MAX5435 are specified over the extended (-40°C to
+85°C) temperature range.
Applications
Mechanical Potentiometer Replacement
Low-Drift Programmable-Gain Amplifiers
Volume Control
Liquid-Crystal Display (LCD) Screen Adjustment
Features
♦ Tiny 3mm x 3mm 8-Pin TDFN and 6-Pin Thin
SOT23 Packages
♦ Power-On Recall of Wiper Position from
Nonvolatile Memory
♦ 35ppm/°C End-to-End Resistance Temperature
Coefficient
♦ 5ppm/°C Ratiometric Temperature Coefficient
♦ 50kΩ/100kΩ Resistor Values
♦ Fast 400kbps I2C-Compatible Serial Interface
♦ 500nA (typ) Static Supply Current
♦ +2.7V to +5.25V Single-Supply Operation
♦ 32 Tap Positions
♦ ±0.15 LSB INL (typ), ±0.15 LSB DNL (typ)
32-Tap, Nonvolatile, I2C, Linear, Digital
Potentiometers
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-3511; Rev 1; 12/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX5432LETA
-40
°C to +85°C
8 TDFN-EP**
MAX5432META*
-40
°C to +85°C
8 TDFN-EP**
MAX5433LETA
-40
°C to +85°C
8 TDFN-EP**
MAX5433META*
-40
°C to +85°C
8 TDFN-EP**
MAX5434LEZT-T
-40
°C to +85°C
6 Thin SOT23-6
MAX5434MEZT-T*
-40
°C to +85°C
6 Thin SOT23-6
MAX5434NEZT-T*
-40
°C to +85°C
6 Thin SOT23-6
MAX5434PEZT-T*
-40
°C to +85°C
6 Thin SOT23-6
MAX5435LEZT-T
-40
°C to +85°C
6 Thin SOT23-6
MAX5435MEZT-T*
-40
°C to +85°C
6 Thin SOT23-6
MAX5435NEZT-T*
-40
°C to +85°C
6 Thin SOT23-6
MAX5435PEZT-T*
-40
°C to +85°C
6 Thin SOT23-6
†Purchase of I2C components from Maxim Integrated Products,
Inc., or one of its sublicensed Associated Companies, conveys
a license under the Philips I2C Patent Rights to use these com-
ponents in an I2C system, provided that the system conforms
to the I2C Standard Specification as defined by Philips.
Selector Guide appears at end of data sheet.
*Future product—contact factory for availability.
**EP = Exposed pad.
TDFN
TOP VIEW
GND
SDA
SCL
16
L
5W
VDD
SOT23
2
34
MAX5434
MAX5435
A0
VDD
SCL
1
2
8
7
W
L
SDA
GND
H
3
4
6
5
MAX5432
MAX5433
Pin Configurations


Similar Part No. - MAX5432

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5432 MAXIM-MAX5432 Datasheet
320Kb / 19P
32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 3; 11/07
MAX5432EVKIT MAXIM-MAX5432EVKIT Datasheet
256Kb / 13P
Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 2/08
MAX5432EVKIT+ MAXIM-MAX5432EVKIT+ Datasheet
256Kb / 13P
Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 2/08
MAX5432LETA+ MAXIM-MAX5432LETA+ Datasheet
320Kb / 19P
32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 3; 11/07
MAX5432META+ MAXIM-MAX5432META+ Datasheet
320Kb / 19P
32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 3; 11/07
More results

Similar Description - MAX5432

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5477-MAX5479 MAXIM-MAX5477-MAX5479 Datasheet
383Kb / 15P
Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 12/04
MAX5417 MAXIM-MAX5417 Datasheet
796Kb / 15P
256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 8/04
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5432 MAXIM-MAX5432_07 Datasheet
320Kb / 19P
32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 3; 11/07
MAX5417 MAXIM-MAX5417_09 Datasheet
289Kb / 14P
256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 3; 3/09
MAX5471 MAXIM-MAX5471_06 Datasheet
297Kb / 12P
32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
MAX5477 MAXIM-MAX5477_06 Datasheet
716Kb / 17P
Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5477 MAXIM-MAX5477_11 Datasheet
318Kb / 16P
Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 5; 11/11
MAX5417LETA-T MAXIM-MAX5417LETA-T Datasheet
296Kb / 14P
256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 4/10
logo
Copal Electronics
DP7110 COPAL-DP7110 Datasheet
146Kb / 12P
32-Tap Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com