Electronic Components Datasheet Search
  English  ▼

X  

ABC350 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # ABC350
Description  350 W with Forced Air Cooling & 200 W with Convection Cooling
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC350 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  ABC350 Datasheet HTML 1Page - Bel Fuse Inc. ABC350 Datasheet HTML 2Page - Bel Fuse Inc. ABC350 Datasheet HTML 3Page - Bel Fuse Inc. ABC350 Datasheet HTML 4Page - Bel Fuse Inc. ABC350 Datasheet HTML 5Page - Bel Fuse Inc. ABC350 Datasheet HTML 6Page - Bel Fuse Inc. ABC350 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ABC350 Series
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2020 Bel Power Solutions & Protection
BCD.00560_AG
3.
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Output Voltage
12 to 58 V
Output Power 4
With 375 LFM:
Convection:
350 W
200 W
Output Adjustment
+/-3%
Hold-up Time
Full Load:
Convection Load:
> 8 ms typical
> 14 ms typical
Efficiency
48 V, 58 V:
24 V, 30 V:
12 V, 15 V:
94%
93%
92%
Line Regulation 6
+/-0.5%
Load Regulation 6
+/-1%
Minimum Load
0.0 A
Transient Response
50-100% step load change, at 0.1A/µS slew rate,
50% duty cycle, 50 Hz = 5% ,
recovery time < 5 ms
Ripple 5, 6
For all outputs
1.0 % max
Rise Time
Typical
55 ms
Set Point Tolerance 6
+/-1%
Over Current Protection
Hiccup mode / Auto Recovery
>110%
Over Voltage Protection
Hiccup mode / Auto Recovery
110 to 140%
Short Circuit Protection
Hiccup mode / Auto Recovery
Cooling
With 375 LFM forced air cooling at 100 to 264 VAC:
With natural convection cooling at 100 to 264 VAC:
350 W
200 W
4.
Conducted Emissions
EN55032-B, CISPR22-B, FCC PART15-B
Pass
Radiated Emissions
EN 55032 A;
with external core (King core K5B RC 25x12x15-M in input cable)
Pass
Level B
Input Current Harmonics
EN 61000-3-2
Class D
Voltage Fluctuation and Flicker
EN 61000-3-3
Pass
ESD Immunity
EN 61000-4-2
Level 3, Criterion A
Radiated Field Immunity
EN 61000-4-3
Level 3, Criterion A
Electrical Fast Transient Immunity
EN 61000-4-4
Level 3, Criterion A
Surge Immunity
EN 61000-4-5
Level 4, Criterion A
Conducted Immunity
EN 61000-4-6
Level 3, Criterion A
Magnetic Field Immunity
EN 61000-4-8
Level 3, Criterion A
Voltage Dips, Interruptions
EN 61000-4-11
Criterion A & B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com